Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSWAS Datasheet(PDF) 1 Page - MISUMI Group Inc

Part # MSWAS
Description  Screw Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MISUMI [MISUMI Group Inc]
Direct Link  https://www.misumi.co.jp/english/
Logo MISUMI - MISUMI Group Inc

MSWAS Datasheet(HTML) 1 Page - MISUMI Group Inc

  MSWAS Datasheet HTML 1Page - MISUMI Group Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2458
2459
There’s more on the web: misumiusa.com
Check out misumiusa.com for the most current pricing and lead time.
Screw Plugs
Screw Plugs
MSW
MSWS Short Type
B
L
B
L
t
xP
M
xP
M
Approx. 120°
B
L
B
L
t
M
M
H
B
L
1.5
xP
M
a
1.5
C
t
Detailed Diagram
(
)
Type
Material
Hardness
Surface Treatment
MSW
4137 Alloy Steel (M2.5–10)
1045 Carbon Steel Equivalent (M12–45)
34–43
HRC min.
Black Anodize
(JIS B 0207 Class 2)
MSWS Short Type
1045 Carbon Steel
Equivalent
MSWA Through Hole Type
MSWAS Through Hole / Short
MSWZ With Washer Type
33–38
HRC min.
MSWZS With Washer / Short
B
L
B
L
t
xP
M
xP
M
Approx. 120°
B
L
B
L
t
M
M
H
B
L
1.5
xP
M
a
1.5
C
t
Detailed Diagram
Part Number
dz max.
MSW3
1.4
MSW4
2.0
MSW5
2.5
Standard Type
!
*The tip of MSW3 / 4 / 5 is a cup point.
M x P
L
B
t
Part Number
Type
M
2.5
0.45
3
1.3
1.2
MSW
2.5
3
0.5
3
1.5
3*
4
0.7
4
2
1.5
4*
5
0.8
5
2.5
2
5*
6
1.0
6
3
3.5
6
8
1.25
8
4
5
8
10
1.5
10
5
6
10
12
1.5
Fine
Thread
6
5.5
12
14
14
16
8
16
18
10
18
20
12
6
20
22
12
22
24
14
24
25
25
26
26
27
27
28
28
30
17
30
33
33
36
18
10
36
38
38
40
40
42
42
45
45
M x P
L
B
Part Number
Type
M
8
1.25
8
4
MSWA
Through Hole
8
10
1.5
10
5
10
12
1.5
Fine Thread
6
12
14
14
16
8
16
18
10
18
20
12
20
22
12
22
24
14
24
25
25
26
26
27
27
28
28
30
17
30
33
33
M x P
L
B
h
t
C
Part Number
Type
M
6
1.0
8
3
9
5
2.5
MSWZ
With Washer
6
8
1.25
10
4
11
8
10
1.5
12
5
13
10
12
1.5
Fine
Thread
6
15
12
14
17
14
16
8
19
16
18
10
21
18
20
15
23
20
22
12
25
22
24
14
27
24
25
28
25
26
29
26
27
30
27
28
31
28
30
17
33
30
33
36
33
M x P
L
B
Part Number
Type
M-L
8
1.25
6
4
MSWAS
Through Hole/
Short
8-6
10
1.5
5
10-6
12
1.5
Fine Thread
6
12-6
14
14-6
16
8
16-6
18
10
18-6
20
8
20-8
22
12
22-8
24
14
24-8
25
25-8
26
26-8
27
27-8
28
28-8
30
17
30-8
33
33-8
Short Type
M x P
L
B
t
Part Number
Type
M-L
8
1.25
6
4
3
MSWS
Short
8-6
10
1.5
5
10-6
12
1.5
Fine Thread
6
12-6
14
14-6
16
8
16-6
18
10
18-6
20
8
4
20-8
22
12
22-8
24
14
24-8
25
25-8
26
26-8
27
27-8
28
28-8
30
17
30-8
33
33-8
!
Short Type has shorter L dimension and fewer threads, compared with the standard type (MSW / MSWA /
MSWZ). Before use, check the load applied to the screw plug and the material of the plate to be tapped.
M x P
L
B
h
t
C
Part Number
Type
M-L
10
1.5
10
5
13
4
2.0
MSWZS
With Washer/
Short
10-10
12
1.5
Fine
Thread
6
15
12-10
14
17
14-10
16
8
19
16-10
18
10
21
18-10
20
23
20-10
22
12
25
22-10
24
14
27
24-10
25
28
25-10
26
29
26-10
27
30
27-10
28
31
28-10
30
12
17
33
5
30-12
33
36
33-12
Part Number
MSW18
MSWS18 - 6
MSWA Through Hole Type
MSWAS Through Hole / Short
B
L
B
L
t
xP
M
xP
M
Approx. 120°
B
L
B
L
t
M
M
H
B
L
1.5
xP
M
a
1.5
C
t
Detailed Diagram
MSWZ With Washer Type
MSWZS With Washer / Short
MSW: Dimple Shape and Dimension
B
L
B
L
t
xP
M
xP
M
Approx. 120°
B
L
B
L
t
M
M
H
B
L
1.5
xP
M
a
1.5
C
t
Detailed Diagram
M6 / 8
a=0.3
M10–33
a=0.5
!
!
Cost-saving box package is available when large quantity is required.
Retaining Rings
External C-Rings / E-Rings
Part Number
Retaining Ring
Reference
Applicable Shaft (Reference)
Type
No.
d3
t
b
(Approx.)
a
(Approx.)
d0
(Min.)
d4
d1
d2
m
n
(Min.)
Tolerance
Tolerance
Tolerance
Tolerance
STWN
3
2.7
+0.04
-0.15
0.25
±0.025
0.5
1.7
0.7
7
3
2.85
0
- 0.04
0.35
+ 0.10
0
0.3
4
3.7
0.4
±0.03
0.9
2.2
0.8
9
4
3.8
0.5
5
4.7
0.6
±0.04
1.1
2.4
10.5
5
4.8
0.7
6
5.6
+0.06
-0.2
0.7
1.3
2.8
1
12
6
5.7
0.8
0.5
7
6.5
0.8
1.4
3
14
7
6.7
0
- 0.06
0.9
8
7.4
1.6
3
15
8
7.6
0.6
STWS
Stainless Steel
4
3.6
±0.1
0.25
±0.03
0.7
1.4
0.7
9
4
3.7
±0.06
0.3
+ 0.10
0
1.0
5
4.5
0.4
±0.04
10.5
5
4.7
0.45
1.5
6
5.5
0.8
2.0
12
6
5.7
7
6.3
0.65
0.9
1
14
7
6.5
0.7
8
7.1
1.0
2.2
15
8
7.4
STWN
STWS
Stainless Steel
10
9.3
±0.15
1
±0.05
1.8
3
1.2
17
10
9.6
0
- 0.09
1.15
+0.14
0
1.5
11
10.2
2
3.1
18
11
10.5
0
- 0.11
12
11.1
±0.18
2.1
3.2
1.5
19
12
11.5
13
12
3.3
20
13
12.4
14
12.9
2.2
3.4
1.7
22
14
13.4
15
13.8
3.5
23
15
14.3
16
14.7
3.6
24
16
15.2
17
15.7
3.7
25
17
16.2
18
16.5
1.2
±0.06
2.6
3.8
26
18
17
1.35
19
17.5
2.7
2
27
19
18
20
18.5
±0.2
3.9
28
20
19
0
- 0.21
21
19.5
4
30
21
20
22
20.5
4.1
31
22
21
23
21.4
2.9
4.5
32.5
23
22
24
22.2
3.1
4.2
33
24
22.9
25
23.2
4.3
34
25
23.9
26
24.2
4.4
35
26
24.9
28
25.9
1.5
4.6
38
28
26.6
1.65
29
26.9
3.5
4.7
39
29
27.6
30
27.9
4.8
40
30
28.6
32
29.6
5
2.5
43
32
30.3
0
- 0.25
35
32.2
±0.25
4
5.4
46
35
33
40
37
±0.4
1.75
±0.07
4.5
5.8
53
40
38
1.9
2
45
41.5
4.8
6.3
58
45
42.5
50
45.8
2
5
6.7
64
50
47
2.2
52
47.8
6.8
66
52
49
60
55.8
±0.45
5.5
7.2
75
60
57
0
- 0.3
80
74.5
2.5
±0.08
7.4
8.2
97
80
76.5
2.7
2.5
Type
Material
Hardness
STWN
Spring Steel
44–53 HRC min.
STWS
304 Stainless Steel-CSP
36–44 HRC min.
Part Number
Retaining Ring
Applicable Shaft (Reference)
Type
No.
d
D
H
t
d1 Class
d2
m
n
(Min.)
Tolerance
Tolerance
Tolerance
Tolerance More than
or Less
Tolerance
Tolerance
NETW
NETWS
Stainless Steel
1.2
1.2
0
- 0.09
3
±0.1
1
0
- 0.25
0.3
±0.025
1.4
2
1.2
+ 0.06
0
0.4
+ 0.05
0
0.6
1.5
1.5
4
±0.2
1.3
0.4
±0.03
2
2.5
1.5
0.5
0.8
2
2
5
1.7
2.5
3.2
2
1
2.5
2.5
6
2.1
3.2
4
2.5
3
3
7
2.6
0.6
±0.04
4
5
3
0.7
+ 0.1
0
4
4
0
- 0.12
9
3.5
0
- 0.30
5
7
4
+ 0.075
0
1.2
5
5
11
4.3
6
8
5
6
6
12
5.2
0.8
7
9
6
0.9
7
7
0
- 0.15
14
6.1
0
- 0.35
8
11
7
+ 0.09
0
1.5
8
8
16
6.9
9
12
8
1.8
9
9
18
7.8
10
14
9
2
Part Number
STWS6
NETW9
NETW
NETWS Stainless Steel
d
H
D
t
n
m
Type
Material
Hardness
Surface Treatment
NETW
Spring Steel
44–53 HRC min. Trivalent Chromate Plating
NETWS 304 Stainless Steel-CSP 37–46 HRC min.
—
Applicable Shaft
No.8 or Less
d 3
t
n
m
STWN
STWS Stainless Steel
Applicable Shaft
d4: Maximum outer diameter when retaining ring is fitted on d1
(Clearance outer diameter)
Retaining Rings –
External C-Ring
Retaining Rings –
E-Ring


Similar Part No. - MSWAS

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MSWA-2-20 MINI-MSWA-2-20 Datasheet
339Kb / 2P
Switch
MSWA-2-20+ MINI-MSWA-2-20+ Datasheet
339Kb / 2P
Switch
MSWA2-50 MINI-MSWA2-50 Datasheet
286Kb / 6P
SPDT RF Switch
MSWA2-50+ MINI-MSWA2-50+ Datasheet
286Kb / 6P
SPDT RF Switch
More results

Similar Description - MSWAS

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Switchcraft, Inc.
491 SWITCH-491 Datasheet
28Kb / 1P
LED INDICATORS, DUMMY PLUGS AND HOLE PLUGS
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Amphenol Corporation
031-2367 AMPHENOL-031-2367 Datasheet
706Kb / 1P
TNC Plugs
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
Cable Plugs
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
Plugs & Jacks
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
Hole Plugs
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
Modular Plugs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com