Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100MFS Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR10100MFS
Description  SWITCHMODE Power Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR10100MFS Datasheet(HTML) 1 Page - ON Semiconductor

  MBR10100MFS Datasheet HTML 1Page - ON Semiconductor MBR10100MFS Datasheet HTML 2Page - ON Semiconductor MBR10100MFS Datasheet HTML 3Page - ON Semiconductor MBR10100MFS Datasheet HTML 4Page - ON Semiconductor MBR10100MFS Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
www.onsemi.com
 Semiconductor Components Industries, LLC, 2013
June, 2024 − Rev. 1
1
Publication Order Number:
MBR10100MFS/D
SWITCHMODE Power
Rectifiers
MBR10100MFS,
NRVB10100MFS
Features
 Low Power Loss / High Efficiency
 New Package Provides Capability of Inspection and Probe After
Board Mounting
 Guardring for Stress Protection
 Low Forward Voltage Drop
 175C Operating Junction Temperature
 Wettable Flacks Option Available
 NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
 These are Pb−Free Devices
Mechanical Characteristics:
 Case: Epoxy, Molded
 Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
 Lead Finish: 100% Matte Sn (Tin)
 Lead and Mounting Surface Temperature for Soldering Purposes:
260C Max. for 10 Seconds
 Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR, TC = 165C)
IF(AV)
10
A
Peak Repetitive Forward Current,
(Rated VR, Square Wave,
20 kHz, TC = 163C)
IFRM
20
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Condi-
tions Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Storage Temperature Range
Tstg
−65 to +175
C
Operating Junction Temperature
TJ
−55 to +175
C
Unclamped Inductive Switching Ener-
gy (10 mH Inductor, Non−repetitive)
EAS
75
mJ
ESD Rating (Human Body Model)
3B
ESD Rating (Machine Model)
M4
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
NOTE: The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RJA.
NRVB10100MFST1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
Device
Package
Shipping†
ORDERING INFORMATION
SCHOTTKY BARRIER
RECTIFIERS
10 AMPERES
100 VOLTS
1,2,3
5,6
SO−8 FLAT LEAD
CASE 488AA
STYLE 2
B10100 = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
MARKING
DIAGRAM
B10100
AYWZZ
A
A
A
Not Used
C
C
1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1. DISCONTINUED: These devices are not
recommended for new design. Please contact
your onsemi representative for information.
The most current information on these devices
may be available on www.onsemi.com.
DISCONTINUED (Note 1)
MBR10100MFST1G
MBR10100MFST3G
5000 /
Tape & Reel
1500 /
Tape & Reel
SO−8 FL
(Pb−Free)
NRVB10100MFST3G


Similar Part No. - MBR10100MFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR10100MFS ONSEMI-MBR10100MFS Datasheet
68Kb / 4P
SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR10100MFST1G ONSEMI-MBR10100MFST1G Datasheet
68Kb / 4P
SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR10100MFST3G ONSEMI-MBR10100MFST3G Datasheet
68Kb / 4P
SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
More results

Similar Description - MBR10100MFS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
SWITCHMODE Power Rectifiers
logo
ON Semiconductor
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
SWITCHMODE Power Rectifiers
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
SWITCHMODE POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
SWITCHMODE Power Rectifiers
logo
ON Semiconductor
MBR10100MFS ONSEMI-MBR10100MFS Datasheet
68Kb / 4P
SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com