Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDH-GJS Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDH-GJS
Description  LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDH-GJS Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDH-GJS Datasheet HTML 1Page - DOMINANT Semiconductors DDH-GJS Datasheet HTML 2Page - DOMINANT Semiconductors DDH-GJS Datasheet HTML 3Page - DOMINANT Semiconductors DDH-GJS Datasheet HTML 4Page - DOMINANT Semiconductors DDH-GJS Datasheet HTML 5Page - DOMINANT Semiconductors DDH-GJS Datasheet HTML 6Page - DOMINANT Semiconductors DDH-GJS Datasheet HTML 7Page - DOMINANT Semiconductors DDH-GJS Datasheet HTML 8Page - DOMINANT Semiconductors DDH-GJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
23/09/2005 V2.0
3
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
DDH; Hyper-red
Full
635 - 655
AlGaAs : DDH-GJS
DOMINANT TM
Semiconductors
Innovating Illumination
Typ. (V)
Vf @ If = 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 100µA
Min. (V)
Chip Type
AlGaAs
1.9
2.6
5
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin @ 20mA
01
02
03
04
1.55 … 1.85
1.85 … 2.15
2.15 … 2.45
2.45 … 2.60
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD Thereshold (HBM)
LED juction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
30
500
5
2
100
-40 … +100
-40 … +100
75
mA
mA
V
kV
˚C
˚C
˚C
mW
Please consult sales and marketing for special part number to incorporate Vf binning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com