Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2011LS1W01-BA Datasheet(PDF) 15 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011LS1W01-BA
Description  General Specifications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011LS1W01-BA Datasheet(HTML) 15 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2011LS1W01-BA Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W01-BA Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W01-BA Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W01-BA Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W01-BA Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W01-BA Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W01-BA Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W01-BA Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS1W01-BA Datasheet HTML 19Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Series MB2000
Bracket PC Mount Miniature Pushbuttons
C86
C
www.nkkswitches.com
TYPICAL SWITCH DIMENSIONS
Right Angle PC
Single Pole
Right Angle PC
Double Pole
MB2011SS2G30-CA
MB2011SA2G31-CA
MB2061SS2G30-CA
Right Angle PC
Single Pole
with .500” (12.7mm) Support to Terminal
(10.0) Dia
.394
(6.2) Dia
.244
(0.5)
.020
(1.27)
.050
(3.25)
.128
(2.3)
.091
(8.0)
.315
(11.75)
.463
(16.4)
.646
Keyway
(4.0)
.157
(2.9)
.114
(5.08)
.200
(1.4) Typ
.055
COM
12
3
(7.9)
.311
(4.3)
.169
(0.8) Typ
.031
(4.7) Typ
.185
(13.0)
.512
(2.95)
.116
(10.0) Dia
.394
(6.2) Dia
.244
(1.27) Typ
.050
(3.81)
.150
(3.25)
.128
(0.5)
.020
(2.3)
.091
(8.0)
.315
(11.75)
.463
(16.4)
.646
(2.9)
.114
(5.08)
.200
(1.4) Typ
.055
(6.4)
.252
Keyway
COM
6
5
4
3
2
1
(2.95)
.116
(13.0)
.512
(4.7) Typ
.185
(0.8) Typ
.031
(4.3)
.169
(12.7)
.500
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(12.7)
.500
(2.54) Typ
.100
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(16.4)
.646
(2.54) Typ
.100
(3.81)
.150
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(16.4)
.646
(2.54) Typ
.100
4
5
6
(10.0) Dia
.394
(6.2) Dia
.244
(0.5)
.020
(2.3)
.091
(6.9)
.272
(1.27)
.050
(8.0)
.315
(12.0)
.472
(12.7)
.500
COM
12
3
(7.9)
.311
(4.3)
.169
(0.8) Typ
.031
(4.7) Typ
.185
(13.0)
.512
(3.4)
.134
Keyway
(4.5)
.177
(2.9)
.114
(5.08)
.200
(1.4) Typ
.055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com