Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70EPF02J Datasheet(PDF) 2 Page - International Rectifier

Part # 70EPF02J
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70EPF02J Datasheet(HTML) 2 Page - International Rectifier

  70EPF02J Datasheet HTML 1Page - International Rectifier 70EPF02J Datasheet HTML 2Page - International Rectifier 70EPF02J Datasheet HTML 3Page - International Rectifier 70EPF02J Datasheet HTML 4Page - International Rectifier 70EPF02J Datasheet HTML 5Page - International Rectifier 70EPF02J Datasheet HTML 6Page - International Rectifier 70EPF02J Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
70EPF.. QUIET
IR Series
Bulletin I2154 rev. C 12/02
www.irf.com
I
F(AV)
Max.AverageForwardCurrent
70
A
@T
C
=97°C,180°conductionhalfsinewave
I
FSM
Max.PeakOneCycleNon-Repetitive
850
A
10ms Sine pulse, rated VRRMapplied
SurgeCurrent
1000
10ms Sine pulse, no voltage reapplied
I
2t
Max.I
2tforfusing
3600
A
2s
10ms Sine pulse, rated V
RRM
applied
5100
10ms Sine pulse, no voltage reapplied
I
2
√t Max.I2√tforfusing
51000
A
2
√s
10ms,novoltagereapplied
V
RRM , maximum
V
RSM , maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
70EPF02
200
300
13
70EPF04
400
500
70EPF06
600
700
Voltage Ratings
Part Number
V
FM
Max. Forward Voltage Drop
1.33
V
@ 70A, T
J
= 25°C
r
t
Forward slope resistance
3.65
m
Ω
VF(TO) Thresholdvoltage
0.918
V
I
RM
Max. Reverse Leakage Current
0.1
mA
T
J
= 25 °C
13
TJ = 150 °C
Electrical Specifications
T
J
= 150°C
V
R
= rated V
RRM
Absolute Maximum Ratings
Parameters
70EPF..
Units
Conditions
Parameters
70EPF..
Units
Conditions
Recovery Characteristics
t
rr
Reverse Recovery Time
200
ns
I
F
@ 70Apk
I
rr
Reverse Recovery Current
4
A
@ 25A/ µs
Qrr
Reverse Recovery Charge
0.67
µC
@ 25°C
S
Snap Factor
0.5
Parameters
70EPF..
Units Conditions



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com