Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8541J/N2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDF8541J/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541J/N2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDF8541J/N2 Datasheet HTML 9Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 10Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 11Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 12Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 13Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 14Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 15Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 16Page - NXP Semiconductors TDF8541J/N2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
13 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
7.4.5 Thermal pre-warning and thermal protection
If the average junction temperature reaches one of the adjustable levels set via the
I2C-bus, selected with IB3[D4], pre-warning is activated resulting in pin DIAG LOW (if
selected) and can be read via the I2C-bus. The default setting for the thermal pre-warning
is IB3[D4] = 0 setting the warning level at Tj(AV)(pwarn) = 160 C. In legacy mode the
thermal pre-warning is also set at Tj(AV)(pwarn) = 160 C.
If the temperature increases further, the temperature-controlled gain reduction is activated
for all four channels to reduce the output power; see Figure 9. If this does not reduce the
average junction temperature, all four channels are switched off at the absolute maximum
temperature Toff.
7.5 Diagnostics
Diagnostic information can be read via the I2C-bus, but can also be made available at pin
DIAG or pin STB. Pin DIAG indicates information such as POR occurred, low battery, and
high battery; the output load fault information is selectable via the I2C-bus. This
information is seen at pin DIAG as a logical OR. In case of a failure, pin DIAG remains
LOW and the microcontroller can read the failure information via the I2C-bus; pin DIAG
can be used as a microcontroller interrupt to minimize I2C-bus traffic. When the failure is
removed, pin DIAG is released.
To enable full control over the clipping information, pin STB can be programmed as a
second-clip detection pin. The clip detection level can be selected for all channels at once.
The clip information can be selected to be available separately at pin DIAG or at pin STB
for each channel. It is possible, for instance, to distinguish between clipping of the front
and the rear channels.
The diagnostic information available at either of the two diagnostic pins DIAG and STB is
shown in Table 4.
Fig 9.
Temperature controlled amplifier gain
001aam696
10
20
30
G
(dB)
0
Tj (°C)
140
190
180
160
170
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com