Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CD Datasheet(PDF) 3 Page - ON Semiconductor

Part # LP2951CD
Description  Low Power Low, Dropout 100 mA
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951CD Datasheet(HTML) 3 Page - ON Semiconductor

  LP2951CD Datasheet HTML 1Page - ON Semiconductor LP2951CD Datasheet HTML 2Page - ON Semiconductor LP2951CD Datasheet HTML 3Page - ON Semiconductor LP2951CD Datasheet HTML 4Page - ON Semiconductor LP2951CD Datasheet HTML 5Page - ON Semiconductor LP2951CD Datasheet HTML 6Page - ON Semiconductor LP2951CD Datasheet HTML 7Page - ON Semiconductor LP2951CD Datasheet HTML 8Page - ON Semiconductor LP2951CD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LP2950, LP2951, NCV2951
www.onsemi.com
2
DEVICE INFORMATION
Package
Output Voltage
Operating Ambient
Temperature Range
3.0 V
3.3 V
5.0 V
Adjustable
TO−92
Suffix Z
LP2950ACZ−3.0G
LP2950ACZ−3.3G
LP2950ACZ−5.0G
Not Available
TA = −40° to +125°C
LP2950ACZ−3.0RAG
LP2950ACZ−3.3RAG
LP2950ACZ−5.0RAG
LP2950CZ−3.0G
LP2950CZ−3.3G
LP2950CZ−5.0G
LP2950CZ−3.0RAG
LP2950CZ−3.3RAG
LP2950CZ−5.0RAG
LP2950CZ−5.0RPG
DPAK
Suffix DT
LP2950CDT−3.0RKG
LP2950ACDT−3.3RG
LP2950ACDT−5.0G
Not Available
TA = −40° to +125°C
LP2950CDT−3.3G
LP2950ACDT−5RKG
LP2950CDT−3.3RKG
LP2950CDT−5.0G
LP2950CDT−5.0RKG
SOIC−8
Suffix D
LP2951ACD−3.0R2G
LP2951ACD−3.3R2G
LP2951ACDR2G
LP2951ACDR2G
TA = −40° to +125°C
LP2951CD−3.0R2G
LP2951CD−3.3R2G
LP2951CDR2G
LP2951CDR2G
NCV2951ACD−3.3R2G*
NCV2951ACDR2G*
NCV2951ACDR2G*
NCV2951CDR2G*
NCV2951CDR2G*
Micro8
Suffix DM
LP2951ACDM−3.0RG
LP2951ACDM−3.3RG
LP2951ACDMR2G
LP2951ACDMR2G
TA = −40° to +125°C
LP2951CDMR2G
LP2951CDMR2G
NCV2951ACDMR2G*
NCV2951ACDMR2G*
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and
PPAP Capable.
LP2950Cx−xx / LP2951Cxx−xx / NCV2951Cx−xx 1% Output Voltage Precision at TA = 25°C
LP2950ACx−xx / LP2951ACxx−xx / NCV2951Ax−xx 0.5% Output Voltage Precision at TA = 25°C
From
CMOS/TTL
3
Figure 1. Representative Block Diagrams
This device contains 34 active transistors.
LP2950CZ−5.0
Battery or
Unregulated DC
GND
2
Output
5.0 V/100 mA
1
Input
3
1.23 V
Reference
Error Amplifier
182 k
60 k
1.0
mF
GND
4
182 k
60 k
1.23 V
Reference
1.0
mF
LP2951CD or CN
Error
Amplifier
Battery or
Unregulated DC
Shutdown
Error
Output
5
VO Tap
Feedback
6
7
Input
8
Output
1
Sense
2
5.0 V/100 mA
330 k
To CMOS/TTL
75 mV/
60 mV
Error Detection
Comparator
50 k
60 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com