Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HR310 Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # HR310
Description  RED HIGH FLUX LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HR310 Datasheet(HTML) 1 Page - Seoul Semiconductor

  HR310 Datasheet HTML 1Page - Seoul Semiconductor HR310 Datasheet HTML 2Page - Seoul Semiconductor HR310 Datasheet HTML 3Page - Seoul Semiconductor HR310 Datasheet HTML 4Page - Seoul Semiconductor HR310 Datasheet HTML 5Page - Seoul Semiconductor HR310 Datasheet HTML 6Page - Seoul Semiconductor HR310 Datasheet HTML 7Page - Seoul Semiconductor HR310 Datasheet HTML 8Page - Seoul Semiconductor HR310 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
-1-
RED HIGH FLUX LED
HR310
<070523> Rev. 1.5
서식번호 : QP-7-03-05 (Rev.00)
Technical Datasheet
This revolutionary package design allows the
lighting designer to reduce the number of
LEDs required and provide a more uniform
and unique illuminated appearance than with
other LED solutions.
This package LEDs are designed for high
current operation and high flux output
application. But the package’s design features
better thermal management characteristics
than other LED solutions. Because of these
advantages, this product have many
applications. Such as automotive tail, stop and
turn signal lamps, and electronic signs etc.
Features
• High flux output and high luminance
• Designed for high current operation
•Uniform color
• Low profile and low thermal resistance
• Packaged in tubes for use with
automatic insertion equipment
Application
• Automotive exterior lighting
• Electronic signs and signals
• Channel letter / lighting
• Decorative lighting
• Specialty Lighting


Similar Part No. - HR310

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HR310 SEOUL-HR310 Datasheet
540Kb / 14P
RED HIGH FLUX LED
HR310 SEOUL-HR310_1 Datasheet
540Kb / 14P
RED HIGH FLUX LED
More results

Similar Description - HR310

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HR330 SEOUL-HR330 Datasheet
444Kb / 9P
RED HIGH FLUX LED
HR310 SEOUL-HR310_1 Datasheet
540Kb / 14P
RED HIGH FLUX LED
HR330 SEOUL-HR330_1 Datasheet
569Kb / 14P
RED HIGH FLUX LED
logo
OptoSupply Internationa...
OSR5MAZ2C1D OPTOSUPPLY-OSR5MAZ2C1D Datasheet
103Kb / 1P
Super Flux Phoenix Red LED
OSR5MAZ161D OPTOSUPPLY-OSR5MAZ161D Datasheet
104Kb / 1P
Super Flux Phoenix Red LED
OSR5SAZ2C1D OPTOSUPPLY-OSR5SAZ2C1D Datasheet
101Kb / 1P
Super Flux Super Red LED
OSR5CAZ2C1P OPTOSUPPLY-OSR5CAZ2C1P_1 Datasheet
113Kb / 1P
Super Flux Red LED
OS5RKEZ4E1P OPTOSUPPLY-OS5RKEZ4E1P Datasheet
109Kb / 1P
Super Flux Red LED
OSR7CAZ2C1P OPTOSUPPLY-OSR7CAZ2C1P Datasheet
113Kb / 1P
Super Flux Red LED
OS5RKEZ4E1P OPTOSUPPLY-OS5RKEZ4E1P Datasheet
109Kb / 1P
Super Flux Red LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com