Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R3132N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BL-R3132N
Description  Low power consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BL-R3132N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BL-R3132N Datasheet HTML 1Page - List of Unclassifed Manufacturers BL-R3132N Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--R
R3
31
13
32
2N
N
Ver.1.0 Page: 2 of 2
SINCE 1981
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
-
2.1
2.6
V
Luminous Intensity
Iv
IF=20mA
-
7.0
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=20mA
-
585
-
nm
Dominant Wave Length
λ
d
IF=20mA
582
-
595
nm
Spectral Line Half-width
∆λ
IF=20mA
-
35
-
nm
Viewing Angle
1/2
IF=20mA
-
125
-
deg
● Typical electro-optical characteristics curves
Fig.6 Radiation diagram
0.1
0.9
0.8
0.7
1.0
0.5
0.3
0.2
0.4
0.6
90
70
80
50
60
40
010
20
30
Fig.3 Forward current vs. Forward voltage
Forward current (mA)
Fig.5 Relative luminous intensity
vs. Forward current
Forward voltage(V)
Fig.1 Relative intensity vs. Wavelength
Wavelength λ(nm)
Fig.4 Relative luminous intensity
Ambient temperature Ta( )
vs. Ambient temperature
Ambient temperature Ta( )
vs. Ambient temperature
Fig.2 Forward current derating curve
3.0
0
1.0
2.0
20
10
30
40
50
4.0
0
20
10
30
40
50
2
1
35
4
535
0
0.5
1.0
585
635
0.5
-40
0
-20
0
20
2.0
1.0
1.5
2.5
3.0
40
60
0
20
10
10
30
20
40
60
40
50
60
100
80



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com