Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NMRTB-CSS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # NMRTB-CSS
Description  SPNovaLED: 20mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NMRTB-CSS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  NMRTB-CSS Datasheet HTML 1Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 2Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 3Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 4Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 5Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 6Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 7Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 8Page - DOMINANT Semiconductors NMRTB-CSS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NMRTB-CSS-T3U3+U3V3+R3S3-1
• Red
• True Green
• Blue
18/01/2007 V(O)
2
RGB SPNovaLED : 20 mA
DOMINANT TM
Semiconductors
Innovating Illumination
Min. (V)
Vf @ If = 20mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Part Number
NMRTB-CSS
• Red
• True Green
• Blue
1.9
3.0
3.0
Typ. (V)
2.0
3.2
3.2
2.5
3.6
3.6
Wavelength Grouping at Ta=25˚C
Group
Color
Red
True Green
Blue
Full
A
B
C
A
B
619 - 630
520 - 525
525 - 530
530 - 535
460 - 465
465 - 470
Wavelength distribution (nm)
Dominant wavelength is measured with an accuracy of ± 1 nm.
Optical Characteristics at Ta=25˚C, If = 20mA
Part Number
T3
U3
U3
V3
R3
S3
IV Bin
320.0
450.0
715.0
1012.0
140.0
202.0
Min.
Intensity @ If=20mA (mcd)
450.0
637.5
1012.0
1400.0
202.0
285.0
Max.
Viewing
Angle˚
130
Radiant intensity is measured with an accuracy of ± 11%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com