Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSO-CLD-R1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # SSO-CLD-R1
Description  Surface Mount AlInGaP Spice LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSO-CLD-R1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  SSO-CLD-R1 Datasheet HTML 1Page - DOMINANT Semiconductors SSO-CLD-R1 Datasheet HTML 2Page - DOMINANT Semiconductors SSO-CLD-R1 Datasheet HTML 3Page - DOMINANT Semiconductors SSO-CLD-R1 Datasheet HTML 4Page - DOMINANT Semiconductors SSO-CLD-R1 Datasheet HTML 5Page - DOMINANT Semiconductors SSO-CLD-R1 Datasheet HTML 6Page - DOMINANT Semiconductors SSO-CLD-R1 Datasheet HTML 7Page - DOMINANT Semiconductors SSO-CLD-R1 Datasheet HTML 8Page - DOMINANT Semiconductors SSO-CLD-R1 Datasheet HTML 9Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DOMINANT Semiconductors
19/05/05
S SpiceLED AlInGaP SSx-CLD-v3
Page 4 of 4
Absolute Maximum Ratings
Maximum Value
Unit
DC forward current.
30
mA
Peak pulse current.
(tp
≤ 10 µs, Duty cycle = 0.1)
250
mA
Reverse voltage.
12
V
LED junction temperature.
110
°C
Operating temperature.
-40 … +100
°C
Storage temperature.
-40 … +100
°C
Power dissipation
( at room temperature )
80
mW
Material
Material
Lead-frame.
Cu Alloy With NiPdAu Plating.
Package.
High Temperature Resistant Epoxy Resin.
Note: Product is Pb free.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com