Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCAS8103S Datasheet(PDF) 2 Page - OTAX Corporation

Part # WCAS8103S
Description  LOW PROFILE ROTARY DIP SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTAX [OTAX Corporation]
Direct Link  http://www.otax.co.jp/ehome/eindex.htm
Logo OTAX - OTAX Corporation

WCAS8103S Datasheet(HTML) 2 Page - OTAX Corporation

  WCAS8103S Datasheet HTML 1Page - OTAX Corporation WCAS8103S Datasheet HTML 2Page - OTAX Corporation WCAS8103S Datasheet HTML 3Page - OTAX Corporation WCAS8103S Datasheet HTML 4Page - OTAX Corporation WCAS8103S Datasheet HTML 5Page - OTAX Corporation WCAS8103S Datasheet HTML 6Page - OTAX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S
SERIES
KY
SERIES
AUTO-CLEANING TYPE SIP SWITCHES
• High-density design is achieved by employing
SIP configuration.
• Stability at high soldering temperatures is
increased by the incorporation of a ceramic
substrate(excluding the SSV & the SSH).
• The most stable and reliable contact because
of an extremely high pressure contact
mechanism(200kg/mm2).
• Washable without tape sealing SIP switches on
the P/C board.
• Gas tight contacts(280,000 psi)
To be marketed at a later date.
Series
S S V
Code
S
L
Model
Ultra Mini
Ultra Mini Seramic
Substrate
Code
V
H
Terminal
Vertical
Horizontal
Code
02
04
06
08
10
Pole
SS
2
4
6
8
10
SL
2
4
6
8
10
FEATURES
HOW TO ORDER
"END TO END STACKABLE" LOW PROFILE DIP SWITCHES
• KY Series DIP SWITCHES are mountable on
P/C boards in a standard 0.1 inch pitch and
allowes them to be ganged end-to-end KYS
type only.
• By employing an engineering plastic, the KY
Series has an excellent heat and chemical
resistance.
• KYS type is a very low profile switch and is not
more than 2.6mm high above a P/C board
(minus 1.6mm high compared with our
previous models).
• Standard GOLD plated contact points for
reliability and long service life.
• Compatible for automatic cleaning. High
pressure wiping contacts allows aqueous or
solvent cleaning.
FEATURES
HOW TO ORDER
Made to order basis.
To be marketed at a later date.
Series
EMBOSS TAPE
(KY
S ONLY)
K Y S 0
8
Code
S
SA
L
P
PA
B
Actuator
Slide
Slide
Rocker
Piano Key
Piano Key
Push Button
Circuit
OFF-ON
ON-OFF
OFF-ON
OFF-ON
ON-OFF
OFF-ON
S E
Code
02
04
06
08
10
Pole
2
4
6
8
10
Code
S
SMT
*KYP is not available with SMT terminals.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com