Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCAS8103 Datasheet(PDF) 3 Page - OTAX Corporation

Part # WCAS8103
Description  LOW PROFILE ROTARY DIP SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTAX [OTAX Corporation]
Direct Link  http://www.otax.co.jp/ehome/eindex.htm
Logo OTAX - OTAX Corporation

WCAS8103 Datasheet(HTML) 3 Page - OTAX Corporation

  WCAS8103 Datasheet HTML 1Page - OTAX Corporation WCAS8103 Datasheet HTML 2Page - OTAX Corporation WCAS8103 Datasheet HTML 3Page - OTAX Corporation WCAS8103 Datasheet HTML 4Page - OTAX Corporation WCAS8103 Datasheet HTML 5Page - OTAX Corporation WCAS8103 Datasheet HTML 6Page - OTAX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
W
SERIES
DIP-DIODE SWITCHES (HYBRID)
• Tremendous production cost saving because of
diode network incorporated inside the housing,
which greatly contributes to VA/VE.
• Tremendous time and cost saving in
component part procurement and inventory
control.
• Space saving because of the same size as IC.
• Auto-insertion, Auto-soldering and Auto-
cleaning.
• Environmentally sealed.
• Most stable and reliable contact because of
extremely high contact pressure
mechanism(200kg/mm2).
12
3
16
(G)
15
14
8
10
(DIODE COM)
9
12
3
18
17
16
89
12
10
11
16
15
14
12
3
10
9
78
CIRCUIT I
Series
Chip Selector
W C D S 8
0
Code
S
F
P
PA
Actuator
Slide
Flat Knob Slide
Piano (ON down)
Piano (ON up)
Code
4
8
Bit
4
8
Code
01
02
03
Circuit
I
II
III
Code
A
K
Diode Indicator
Anode Common(Brown Case)
Cathode Common(Orange Case)
1 A
FEATURES
HOW TO ORDER
ANODE
CIRCUIT II
ANODE
CIRCUIT III
ANODE
W&K
SERIES
SMT TYPE (K SERIES)
• The heat resistance was greatly improved by
employing ceramic substrates.
• The exclusive knife-edge contact method
always enssures stable contact regardless of
solder flux or any other environmental hazards.
• Contact pressure is as big as 200kg/mm2and
immune to accidental operation by shock or
vibration.
• Identical to ICs in terminal dimensions and
configurations, making switches automatically
mountable onto PC boards by the use of parts
insertion machine for assembly work efficiency.
K D R 1
0
2 S
Code
S
SMT Shape
S type
Code
S
L
SMT Shape
S type
L type
K S D 8
2 S
FEATURES
HOW TO ORDER
SMT TYPE (W SERIES)
• Knife-edge high pressure contact mechanism of
200kg/mm2 (100kg/mm2) for rotary ensures
stable contact.
• Pin-point contact breaks possibly formed by
oxidation or sulfurization and ensures long life
expectancy.
• Molded-in terminals prevent flux from flowing
into the switch during soldering process.
• Environmentally sealed type provides washable
feature and does not require any tape seal.
W C A S 8
1
Code
S
L
SMT Shape
S type
L type
Code
S
SMT Shape
S type
Code
S
L
SMT Shape
S type
L type
Code
S
SMT Shape
S type
0
3
W C A D C 6
3 S
W C D S 8
0
1 A
S
S
W C D D C 6 A S
FEATURES
HOW TO ORDER
Made to order basis.
*Manual soldering is required for diode type hybrid dip switches.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com