Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WATS575C Datasheet(PDF) 6 Page - OTAX Corporation

Part # WATS575C
Description  LOW PROFILE ROTARY DIP SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTAX [OTAX Corporation]
Direct Link  http://www.otax.co.jp/ehome/eindex.htm
Logo OTAX - OTAX Corporation

WATS575C Datasheet(HTML) 6 Page - OTAX Corporation

  WATS575C Datasheet HTML 1Page - OTAX Corporation WATS575C Datasheet HTML 2Page - OTAX Corporation WATS575C Datasheet HTML 3Page - OTAX Corporation WATS575C Datasheet HTML 4Page - OTAX Corporation WATS575C Datasheet HTML 5Page - OTAX Corporation WATS575C Datasheet HTML 6Page - OTAX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KR
SERIES
SPLASHPROOF ROTARY DIP DIGITAL CODE SWITCHES
• Series KR Splashproof rotary switches are the
smallest panel mounted code switches
available.
• Rigid and stable with a Zinc die-casting body.
• Gold plated contacts with a high pressure knife
edge contact provide excellent reliability.
• Life expancy, 100,000 steps minimum.
• Completely sealed with inserted-in terminals.
Series
K R S R 1
6
1
5
FEATURES
HOW TO ORDER
Code
S
Splash Proof
Panel Mounted type
Code
R
Coding
Real code
Code
08-07
16-15
Step
8-Positions
16-Positions
K
SERIES
DUAL IN-LINE PACKAGE SWITCHES
• The exclusive knife-edge contact method
always enssures stable contact regardless of
solder flux or any other environmental hazards.
• Contact pressure is as big as 200kg/mm2and
immune to accidental operation by shock or
vibration.
• Identical to ICs in terminal dimensions and
configurations, making switches automatically
mountable onto PC boards by the use of parts
insertion machine for assembly work efficiency.
• High pressure "knife-edge" contact is capable
enough to break possibly formed film by
oxidization or sulfurization, ensuring long life
expectancy.
• The cleaning solution can be used for a longer
and is not necessary to change as often as for
the conventional ones.
FEATURES
HOW TO ORDER
Series
K S D A 8
2 S
Code
D
S
P
PA
Actuator
Slide
Flat Knob Slide
Piano Key ON down
Piano Key ON up
Slide & Flat
Knob Slide
Piano ON down
Piano ON up
1
2
3
4
5
6
7
8
9
10
12
12
22
32
42
52
62
72
82
92
102
122
Poles
Code
Code
Conventional Type
-
02
-
04
05
06
07
08
09
10
-
Lead-free Type
-
22
-
42
52
62
72
82
92
102
-
Blank
A
ON down
ON up
SMT Type
See “W&K Series”
Lead-free Piano type to be sold in order.
To be marketed at a later date.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com