Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPR-MSS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # NPR-MSS
Description  AlInGaP : SPNovaLED-1 Watt (400mA)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NPR-MSS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  NPR-MSS Datasheet HTML 1Page - DOMINANT Semiconductors NPR-MSS Datasheet HTML 2Page - DOMINANT Semiconductors NPR-MSS Datasheet HTML 3Page - DOMINANT Semiconductors NPR-MSS Datasheet HTML 4Page - DOMINANT Semiconductors NPR-MSS Datasheet HTML 5Page - DOMINANT Semiconductors NPR-MSS Datasheet HTML 6Page - DOMINANT Semiconductors NPR-MSS Datasheet HTML 7Page - DOMINANT Semiconductors NPR-MSS Datasheet HTML 8Page - DOMINANT Semiconductors NPR-MSS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
20/06/2006 V2.0
2
NPR-MSS-AAB-1
• NPR-MSS-AA
• NPR-MSS-AB
NPY-MSS-ABC-1
• NPY-MSS-AB
• NPY-MSS-AC
AlInGaP
Red, 625
AlInGaP
Yellow, 587
120
120
7150.0 - 11250.0
7150.0 - 9000.0
9000.0 - 11250.0
9000.0 - 14000.0
9000.0 - 11250.0
11250.0 - 14000.0
AlInGaP : SPNovaLED-1 Watt (400mA)
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 400mA (mcd)
NOTE
1. Luminous intensity is measured with an accuracy of ± 11%.
2. All optical and electrical data are measured at 25oC. Adequate cooling is important to ensure accurate measurement.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Wavelength Grouping
Group
Color
NPR; Red
NPY; Yellow
Full
Full
A
B
C
D
620 - 630
585 - 597
585 - 588
588 - 591
591 - 594
594 - 597
Wavelength distribution (nm)
Dominant wavelength is measured with an accuracy of ±1 nm.
Typ. (V)
Vf @ If = 400mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 100uA
Min. (V)
Part Number
NPR
2.5
12
2.8
Typ. (V)
2.2
Correlation Between Luminous Intensity And Luminous Flux
Part Number
NPR-MSS
AA
AB
NPY-MSS
AB
AC
7150
9,000
9,000
11,250
Total Flux (lm)
26.1
32.6
33.8
42.0
20.7
26.1
27.0
33.8
Min
Max
Min
Luminous Intensity (mcd)
9000
11,250
11,250
14,000
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com