Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS24656-331 Datasheet(PDF) 1 Page - OTTO Engineering, Inc

Part # MS24656-331
Description  Positive action miniature toggle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTTO [OTTO Engineering, Inc]
Direct Link  https://www.ottoexcellence.com/
Logo OTTO - OTTO Engineering, Inc

MS24656-331 Datasheet(HTML) 1 Page - OTTO Engineering, Inc

  MS24656-331 Datasheet HTML 1Page - OTTO Engineering, Inc MS24656-331 Datasheet HTML 2Page - OTTO Engineering, Inc MS24656-331 Datasheet HTML 3Page - OTTO Engineering, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The TE series is a MIL qualified, positive make and break, panel
mount toggle switch.
The positive action mechanism assures that the switch will
actuate even when actuated slowly. A silicone seal protects the
contact area from contaminants such as dust, moisture and sand.
All metal components are corrosion resistant and designed to
exceed all military requirements.
This environmentally sealed switch is available in single and
double pole configurations with 15/32 or 1/4-40 bushings. The
TE series is ideal in applications for dry circuits, low level and
power switching applications.
Features:
• Positive action miniature toggle
• Wiping action contacts
• Momentary & maintained toggle action
• Panel mount
• Solder lug termination
• Single & double pole
• Sealed per MIL-DTL-8834
• MIL qualified MS90310-211/221/231/271/311
MS90311-211/221/231/271/311
MS24655-211/221/231/271/311
MS24656-
211/221/231/271/311/331/341/351
• RoHS compliant
• Black matte finish available. Contact factory
1/4-40 Bushing Style
15/32-32 Bushing Style
Standard Characteristics/Ratings:
ELECTRICAL RATINGS:
Load
Sea Level
Sea Level
Sea Level
Sea Level
@ 28VDC
@ 115VAC, 60Hz
@ 115VAC, 400Hz
Low Level @ 5mV
Resistive
5A
2A
3A
25 µA
Inductive
1A
1A
2A
25 µA
Electrical Life:
20,000 cycles
Mechanical Life:
40,000 cycles
Seal:
Per MIL-DTL-8834
Operating Temp Range: -55°C to +71°C
MATERIALS:
Handle:
Stainless steel with lusterless finish
Bushing:
Zinc alloy (15/32) or stainless steel
Cover:
Zinc alloy or stainless steel
Mounting Hardware:
Hex nuts, lockwasher and keyway washer.
Silicone panel seal when applicable
POSITIVE ACTION TOGGLE
Bushing Size
Terminal Style
Circuitry
Action (Lever Position)
Contact Material
1. 15/32-32
2. 1/4-40
3. 15/32-32 w/ black
bushing & black toggle
4. 1/4-40 w/ black bushing
& black toggle
1. Solder Lug
1. Single Pole
2. Double Pole
Opposite Center
Keyway
Keyway
Side
1.
ON
OFF
ON
2.
ON
NONE
OFF
3.
ON
NONE
ON
5.
(ON)
OFF
(ON)
6.
ON
OFF
(ON)
1. Silver/Gold Plate
TE PART NUMBER CODE
TE
–
X
X
X
X
X
NOTE: ( ) denotes momentary action.
Optional Panel Seal Gasket for 15/32-32 bushing
P/N C710196 per MIL. P/N
M5423/16-01
COMMERCIAL & MIL MINIATURE TOGGLE
MINIATURE
TOGGLE
TE
Specifications Subject To Change Without Notice
www.otto-controls.com 329


Similar Part No. - MS24656-331

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
MS24658-21 HONEYWELL-MS24658-21 Datasheet
398Kb / 6P
Interactive Catalog Replaces Catalog Pages
MS24658-22 HONEYWELL-MS24658-22 Datasheet
398Kb / 6P
Interactive Catalog Replaces Catalog Pages
MS24658-23 HONEYWELL-MS24658-23 Datasheet
398Kb / 6P
Interactive Catalog Replaces Catalog Pages
MS24658-24 HONEYWELL-MS24658-24 Datasheet
398Kb / 6P
Interactive Catalog Replaces Catalog Pages
MS24658-26 HONEYWELL-MS24658-26 Datasheet
398Kb / 6P
Interactive Catalog Replaces Catalog Pages
More results

Similar Description - MS24656-331

ManufacturerPart #DatasheetDescription
logo
C&K Components
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
Miniature Toggle Switches
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
C&K Components
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
Miniature Toggle Switches
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
Miniature Toggle Switches
logo
Copal Electronics
BT_SERIES COPAL-BT_SERIES Datasheet
242Kb / 3P
Miniature Toggle Switch
logo
C&K Components
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com