Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2T-CSS-W1 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # N2T-CSS-W1
Description  SPNovaLED InGaN : 50mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

N2T-CSS-W1 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  N2T-CSS-W1 Datasheet HTML 1Page - DOMINANT Semiconductors N2T-CSS-W1 Datasheet HTML 2Page - DOMINANT Semiconductors N2T-CSS-W1 Datasheet HTML 3Page - DOMINANT Semiconductors N2T-CSS-W1 Datasheet HTML 4Page - DOMINANT Semiconductors N2T-CSS-W1 Datasheet HTML 5Page - DOMINANT Semiconductors N2T-CSS-W1 Datasheet HTML 6Page - DOMINANT Semiconductors N2T-CSS-W1 Datasheet HTML 7Page - DOMINANT Semiconductors N2T-CSS-W1 Datasheet HTML 8Page - DOMINANT Semiconductors N2T-CSS-W1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
27/11/2006 V6.0
2
N2B-CSS-TU1-1
• N2B-CSS-T1
• N2B-CSS-T2
• N2B-CSS-U1
InGaN
Blue, 470nm
120
285.0 - 560.0
285.0 - 355.0
355.0 - 450.0
450.0 - 560.0
SPNovaLED InGaN : 50mA
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 50mA (mcd)
NOTE
1. Luminous intensity is measured with an accuracy of ± 11%.
2. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Wavelength Grouping
Group
Color
N2B; Blue
N2T; True Green
Full
W
X
Y
Full
W
X
Y
Z
464 - 476
464 - 468
468 - 472
472 - 476
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
Wavelength distribution (nm)
Dominant wavelength is measured with an accuracy of ± 1 nm.
N2T-CSS-WX1-1
• N2T-CSS-W1
• N2T-CSS-W2
• N2T-CSS-X1
InGaN
True Green, 525nm
120
1125.0 - 2240.0
1125.0 - 1400.0
1400.0 - 1800.0
1800.0 - 2240.0
Vr @ Ir = 10 µA
Electrical Characteristics at Ta=250C
Vf @ If = 50 mA
3.8
3.9
5
5
Forward Voltage, Vf is measured with an accuracy of ± 0.1 V.
Part Number
Typ. (V)
Max. (V)
Min. (V)
N2B-CSS
N2T-CSS
4.2
4.2
Optical Characteristics at Ta=25˚C, if=50mA, Rja=100K/W
Total Flux @ If=50mA
Part Number
N2B-CSS-TU1-1
N2T-CSS-WX1-1
800
3700
Min. (mlm)
900
4600
Typ. (mlm)
285
1125
Min.
Intensity @ If=50mA(mcd)
360
1400
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com