Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWS-SJS-S2 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DWS-SJS-S2
Description  Power LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWS-SJS-S2 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DWS-SJS-S2 Datasheet HTML 1Page - DOMINANT Semiconductors DWS-SJS-S2 Datasheet HTML 2Page - DOMINANT Semiconductors DWS-SJS-S2 Datasheet HTML 3Page - DOMINANT Semiconductors DWS-SJS-S2 Datasheet HTML 4Page - DOMINANT Semiconductors DWS-SJS-S2 Datasheet HTML 5Page - DOMINANT Semiconductors DWS-SJS-S2 Datasheet HTML 6Page - DOMINANT Semiconductors DWS-SJS-S2 Datasheet HTML 7Page - DOMINANT Semiconductors DWS-SJS-S2 Datasheet HTML 8Page - DOMINANT Semiconductors DWS-SJS-S2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminous intensity groups may also be available upon request.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
4. An optional Vf bining is also available upon request. Bining scheme is as per following table.
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
DWS; Super Red
DWR-SJ; Red
DWR-TJ; Red (TS)
DWA; Amber
DWO; Orange
DWY; Yellow
DWP; Pure Green
Full
Full
Full
Full
W
X
Full
W
X
Y
Z
Full
W
X
Y
Z
Full
W
X
Y
Z
625 - 640
620 - 630
620 - 635
610 - 621
610 - 615
615 - 621
600 - 612
600 - 603
603 - 606
606 - 609
609 - 612
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
552.5 - 564.5
552.5 - 555.5
555.5 - 558.5
558.5 - 561.5
561.5 - 564.5
AlInGaP : DWx
DOMINANT TM
Semiconductors
Innovating Illumination
29/09/2005 V8.0
3
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 50mA IV (mcd)
Total Flux @
IF=50mA, mlm (typ)
DWP-SJS-PQ1-1
• DWP-SJS-P1
• DWP-SJS-P2
• DWP-SJS-Q1
AS AlIGaP
Pure Green, 560nm
120
45.0 - 90.0
45.0 - 56.0
56.0 - 71.5
71.5 - 90.0
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com