Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWR-EJS-V2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DWR-EJS-V2
Description  Power LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWR-EJS-V2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DWR-EJS-V2 Datasheet HTML 1Page - DOMINANT Semiconductors DWR-EJS-V2 Datasheet HTML 2Page - DOMINANT Semiconductors DWR-EJS-V2 Datasheet HTML 3Page - DOMINANT Semiconductors DWR-EJS-V2 Datasheet HTML 4Page - DOMINANT Semiconductors DWR-EJS-V2 Datasheet HTML 5Page - DOMINANT Semiconductors DWR-EJS-V2 Datasheet HTML 6Page - DOMINANT Semiconductors DWR-EJS-V2 Datasheet HTML 7Page - DOMINANT Semiconductors DWR-EJS-V2 Datasheet HTML 8Page - DOMINANT Semiconductors DWR-EJS-V2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
25/06/2007 V5.0
2
DWS-EJS-VW1-1
• DWS-EJS-V1
• DWS-EJS-V2
• DWS-EJS-W1
DWR-EJS-VW1-1
• DWR-EJS-V1
• DWR-EJS-V2
• DWR-EJS-W1
DWA-EJS-V2W-1
• DWA-EJS-V2
• DWA-EJS-W1
• DWA-EJS-W2
DWA-EJS-W2X-1
• DWA-EJS-W2
• DWA-EJS-X1
• DWA-EJS-X2
DWO-EJS-V2W-1
• DWO-EJS-V2
• DWO-EJS-W1
• DWO-EJS-W2
DWO-EJS-W2X-1
• DWO-EJS-W2
• DWO-EJS-X1
• DWO-EJS-X2
DWY-EJS-V2W-1
• DWY-EJS-V2
• DWY-EJS-W1
• DWY-EJS-W2
DWY-EJS-W2X-1
• DWY-EJS-W2
• DWY-EJS-X1
• DWY-EJS-X2
AlIGaP
Super Red, 632nm
AlIGaP
Red, 625nm
AlIGaP
Amber, 615nm
AlIGaP
Orange, 605nm
AlIGaP
Yellow, 587nm
120
120
120
120
120
715.0 - 1400.0
715.0 - 900.0
900.0 - 1125.0
1125.0 - 1400.0
715.0 - 1400.0
715.0 - 900.0
900.0 - 1125.0
1125.0 - 1400.0
900.0 - 1800.0
900.0 - 1125.0
1125.0 - 1400.0
1400.0 - 1800.0
1400.0 - 2850.0
1400.0 - 1800.0
1800.0 - 2240.0
2240.0 - 2850.0
900.0 - 1800.0
900.0 - 1125.0
1125.0 - 1400.0
1400.0 - 1800.0
1400.0 - 2850.0
1400.0 - 1800.0
1800.0 - 2240.0
2240.0 - 2850.0
900.0 - 1800.0
900.0 - 1125.0
1125.0 - 1400.0
1400.0 - 1800.0
1400.0 - 2850.0
1400.0 - 1800.0
1800.0 - 2240.0
2240.0 - 2850.0
AlInGaP : DWx-EJS
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 50mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
4. An optional Vf bining is also available upon request. Bining scheme is as per following table.
5. Data provided for luminous flux is based on approximation.
2145.0 - 4200.0
2074.0 - 4060.0
2340.0 - 4680.0
3640.0 - 7410.0
2340.0 - 4680.0
3640.0 - 7410.0
2250.0 - 4500.0
3500.0 - 7125.0
Luminous Flux @
IF = 50mA (mlm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com