Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWT-SJS-U2 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DWT-SJS-U2
Description  Power LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWT-SJS-U2 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DWT-SJS-U2 Datasheet HTML 1Page - DOMINANT Semiconductors DWT-SJS-U2 Datasheet HTML 2Page - DOMINANT Semiconductors DWT-SJS-U2 Datasheet HTML 3Page - DOMINANT Semiconductors DWT-SJS-U2 Datasheet HTML 4Page - DOMINANT Semiconductors DWT-SJS-U2 Datasheet HTML 5Page - DOMINANT Semiconductors DWT-SJS-U2 Datasheet HTML 6Page - DOMINANT Semiconductors DWT-SJS-U2 Datasheet HTML 7Page - DOMINANT Semiconductors DWT-SJS-U2 Datasheet HTML 8Page - DOMINANT Semiconductors DWT-SJS-U2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
04/04/2006 V9.0
3
DWB-SJS-Q2R-1
*
• DWB-SJS-Q2
• DWB-SJS-R1
• DWB-SJS-R2
DWB-SJS-RS1-1
• DWB-SJS-R1
• DWB-SJS-R2
• DWB-SJS-S1
DWB-UJS-R2S-1
• DWB-UJS-R2
• DWB-UJS-S1
• DWB-UJS-S2
DWB-UJS-S2T-1
• DWB-UJS-S2
• DWB-UJS-T1
• DWB-UJS-T2
InGaN
Blue, 470nm
120
90.0 - 180.0
90.0 - 112.5
112.5 - 140.0
140.0 - 180.0
112.5 - 224.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
140.0 - 285.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
224.0 - 450.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
InGaN : DWx
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 30mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminous intensity groups may also be available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
5. InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable performance
current pulsing should is used for dimming purposes.
6. An optional Vf bining is also available upon request. Bining scheme is as per following table.
370
470
600
900
Total Flux @
IF=30mA, mlm (typ)
* Not for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com