Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SSS-R2 Datasheet(PDF) 8 Page - DOMINANT Semiconductors

Part # DST-SSS-R2
Description  Right Angle LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DST-SSS-R2 Datasheet(HTML) 8 Page - DOMINANT Semiconductors

Back Button DST-SSS-R2 Datasheet HTML 4Page - DOMINANT Semiconductors DST-SSS-R2 Datasheet HTML 5Page - DOMINANT Semiconductors DST-SSS-R2 Datasheet HTML 6Page - DOMINANT Semiconductors DST-SSS-R2 Datasheet HTML 7Page - DOMINANT Semiconductors DST-SSS-R2 Datasheet HTML 8Page - DOMINANT Semiconductors DST-SSS-R2 Datasheet HTML 9Page - DOMINANT Semiconductors DST-SSS-R2 Datasheet HTML 10Page - DOMINANT Semiconductors DST-SSS-R2 Datasheet HTML 11Page - DOMINANT Semiconductors DST-SSS-R2 Datasheet HTML 12Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
03/04/2006 V7.0
8
Taping and orientation
• Reels come in quantity of 2500 units.
• Reel diameter is 180 mm.
InGaN : DSx-xSx
DOMINANT TM
Semiconductors
Innovating Illumination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com