Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMYG-GJS-LM Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DMYG-GJS-LM
Description  Multi LED GaP : Bi-Color
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DMYG-GJS-LM Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DMYG-GJS-LM Datasheet HTML 1Page - DOMINANT Semiconductors DMYG-GJS-LM Datasheet HTML 2Page - DOMINANT Semiconductors DMYG-GJS-LM Datasheet HTML 3Page - DOMINANT Semiconductors DMYG-GJS-LM Datasheet HTML 4Page - DOMINANT Semiconductors DMYG-GJS-LM Datasheet HTML 5Page - DOMINANT Semiconductors DMYG-GJS-LM Datasheet HTML 6Page - DOMINANT Semiconductors DMYG-GJS-LM Datasheet HTML 7Page - DOMINANT Semiconductors DMYG-GJS-LM Datasheet HTML 8Page - DOMINANT Semiconductors DMYG-GJS-LM Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
11/08/2006 V4.0
1
Features:
> High brightness bi-color surface mount LED.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to both IR reflow soldering and TTW soldering.
> Environmental friendly; RoHS compliance.
Multi DomiLEDTM
Synonymous with function and performance, the Multi DomiLED
TM series
is perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET:
Multi DomiLEDTM
GaP : Bi-Color
© 2005 DomiLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Communication: indicator and backlight in mobilephone.
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
DOMINANTTM
Semiconductors
Innovating Illumination


Similar Part No. - DMYG-GJS-LM

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DMY-XX ADAM-TECH-DMY-XX Datasheet
83Kb / 1P
CRIMP THEMINAL HOUSING
DMY-XX-V0 ADAM-TECH-DMY-XX-V0 Datasheet
83Kb / 1P
CRIMP THEMINAL HOUSING
logo
DOMINANT Semiconductors
DMYB-CJS-RP DOMINANT-DMYB-CJS-RP Datasheet
912Kb / 13P
Multi LED Bi-Color
DMYB-CJS-RQ DOMINANT-DMYB-CJS-RQ Datasheet
912Kb / 13P
Multi LED Bi-Color
DMYB-CJS-RS+PQ-1 DOMINANT-DMYB-CJS-RS+PQ-1 Datasheet
912Kb / 13P
Multi LED Bi-Color
More results

Similar Description - DMYG-GJS-LM

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DMSG-CJS-PP DOMINANT-DMSG-CJS-PP Datasheet
912Kb / 13P
Multi LED Bi-Color
logo
BRIGHT LED ELECTRONICS ...
BL-PMHG-GJS-C20 BRIGHT-BL-PMHG-GJS-C20 Datasheet
143Kb / 4P
Bi-Color Domiled AlGaAs/GaP High brightness bi-color surface mount LED.
BL-PMRG-GJS BRIGHT-BL-PMRG-GJS Datasheet
178Kb / 5P
Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
BL-PMRY-GJS BRIGHT-BL-PMRY-GJS Datasheet
178Kb / 5P
Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
BL-PMYG-GJS BRIGHT-BL-PMYG-GJS Datasheet
178Kb / 5P
Bi-Color DOMILED GaP High brightness bi-color surface mount LED.
logo
Everlight Electronics C...
19-22-R6G6C-A01-2T EVERLIGHT-19-22-R6G6C-A01-2T Datasheet
199Kb / 12P
Chip LED with Bi-Color(Multi-Color)
19-223-Y2G6C-A01-2T EVERLIGHT-19-223-Y2G6C-A01-2T Datasheet
174Kb / 11P
Chip LED with Bi-Color(Multi-Color)
19-123-Y2ST1D-C30-2T EVERLIGHT-19-123-Y2ST1D-C30-2T_11 Datasheet
309Kb / 14P
Chip LED with Bi-Color(Multi-Color)
19-226-R6G7C-A01-2T EVERLIGHT-19-226-R6G7C-A01-2T Datasheet
209Kb / 12P
Chip LED with Bi-Color (Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
11-22-R6G6C-QSANP-2T TO-GRACE-11-22-R6G6C-QSANP-2T Datasheet
829Kb / 11P
Chip LED with Bi-Color (Multi-Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com