Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWT-UJS-V2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DWT-UJS-V2
Description  Power LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWT-UJS-V2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DWT-UJS-V2 Datasheet HTML 1Page - DOMINANT Semiconductors DWT-UJS-V2 Datasheet HTML 2Page - DOMINANT Semiconductors DWT-UJS-V2 Datasheet HTML 3Page - DOMINANT Semiconductors DWT-UJS-V2 Datasheet HTML 4Page - DOMINANT Semiconductors DWT-UJS-V2 Datasheet HTML 5Page - DOMINANT Semiconductors DWT-UJS-V2 Datasheet HTML 6Page - DOMINANT Semiconductors DWT-UJS-V2 Datasheet HTML 7Page - DOMINANT Semiconductors DWT-UJS-V2 Datasheet HTML 8Page - DOMINANT Semiconductors DWT-UJS-V2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
04/04/2006 V9.0
2
DWT-CJS-ST2-1
*
• DWT-CJS-S1
• DWT-CJS-S2
• DWT-CJS-T1
• DWT-CJS-T2
DWT-SJS-TU2-1
• DWT-SJS-T1
• DWT-SJS-T2
• DWT-SJS-U1
• DWT-SJS-U2
DWT-SJS-UV2-1
*
• DWT-SJS-U1
• DWT-SJS-U2
• DWT-SJS-V1
• DWT-SJS-V2
DWT-UJS-UV2-1
• DWT-UJS-U1
• DWT-UJS-U2
• DWT-UJS-V1
• DWT-UJS-V2
DWC-CJS-ST2-1
*
• DWC-CJS-S1
• DWC-CJS-S2
• DWC-CJS-T1
• DWC-CJS-T2
DWC-SJS-TU2-1
• DWC-SJS-T1
• DWC-SJS-T2
• DWC-SJS-U1
• DWC-SJS-U2
DWC-SJS-UV2-1
*
• DWC-SJS-U1
• DWC-SJS-U2
• DWC-SJS-V1
• DWC-SJS-V2
DWC-UJS-UV2-1
• DWC-UJS-U1
• DWC-UJS-U2
• DWC-UJS-V1
• DWC-UJS-V2
InGaN
True Green, 525nm
InGaN
Cyan, 505nm
120
120
180.0 - 450.0
180.0 - 224.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
285.0 - 715.0
285.0 - 355.0
355.0 - 450.0
450.0 - 560.0
560.0 - 715.0
450.0 - 1125.0
450.0 - 560.0
560.0 - 715.0
715.0 - 900.0
900.0 - 1125.0
450.0 - 1125.0
450.0 - 560.0
560.0 - 715.0
715.0 - 900.0
900.0 - 1125.0
180.0 - 450.0
180.0 - 224.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
285.0 - 715.0
285.0 - 355.0
355.0 - 450.0
450.0 - 560.0
560.0 - 715.0
450.0 - 1125.0
450.0 - 560.0
560.0 - 715.0
715.0 - 900.0
900.0 - 1125.0
450.0 - 1125.0
450.0 - 560.0
560.0 - 715.0
715.0 - 900.0
900.0 - 1125.0
InGaN : DWx
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 30mA IV (mcd)
850
1350
1800
2000
850
1350
1800
2000
Total Flux @
IF=30mA, mlm (typ)
* Not for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com