Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMYG-GJS-MM Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DMYG-GJS-MM
Description  Multi LED GaP : Bi-Color
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DMYG-GJS-MM Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DMYG-GJS-MM Datasheet HTML 1Page - DOMINANT Semiconductors DMYG-GJS-MM Datasheet HTML 2Page - DOMINANT Semiconductors DMYG-GJS-MM Datasheet HTML 3Page - DOMINANT Semiconductors DMYG-GJS-MM Datasheet HTML 4Page - DOMINANT Semiconductors DMYG-GJS-MM Datasheet HTML 5Page - DOMINANT Semiconductors DMYG-GJS-MM Datasheet HTML 6Page - DOMINANT Semiconductors DMYG-GJS-MM Datasheet HTML 7Page - DOMINANT Semiconductors DMYG-GJS-MM Datasheet HTML 8Page - DOMINANT Semiconductors DMYG-GJS-MM Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
11/08/2006 V4.0
2
DMRY-GJS-LM+LM-1
• DMRY-GJS-LL
• DMRY-GJS-LM
• DMRY-GJS-ML
• DMRY-GJS-MM
DMRG-GJS-LM+LM-1
• DMRG-GJS-LL
• DMRG-GJS-LM
• DMRG-GJS-ML
• DMRG-GJS-MM
DMYG-GJS-LM+LM-1
• DMYG-GJS-LL
• DMYG-GJS-LM
• DMYG-GJS-ML
• DMYG-GJS-MM
120
120
120
11.2 - 28.5
11.2 - 18.0
11.2 - 18.0
18.0 - 28.5
18.0 - 28.5
11.2 - 28.5
11.2 - 18.0
11.2 - 18.0
18.0 - 28.5
18.0 - 28.5
11.2 - 28.5
11.2 - 18.0
11.2 - 18.0
18.0 - 28.5
18.0 - 28.5
GaP : Bi-Color
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Color, λdom (nm)
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)
Chip #1
Chip #2
Yellow,
587nm
Green,
570nm
Green,
570nm
Chip #1
Chip #2
11.2 - 28.5
11.2 - 18.0
18.0 - 28.5
11.2 - 18.0
18.0 - 28.5
11.2 - 28.5
11.2 - 18.0
18.0 - 28.5
11.2 - 18.0
18.0 - 28.5
11.2 - 28.5
11.2 - 18.0
18.0 - 28.5
11.2 - 18.0
18.0 - 28.5
NOTE
1. DMXX comes in a quantity of 2000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
4. Half group binning for luminous intensity is also available upon request.
Red,
625nm
Red,
625nm
Yellow,
587nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com