Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWC-SJS-U2 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DWC-SJS-U2
Description  Power LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWC-SJS-U2 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DWC-SJS-U2 Datasheet HTML 1Page - DOMINANT Semiconductors DWC-SJS-U2 Datasheet HTML 2Page - DOMINANT Semiconductors DWC-SJS-U2 Datasheet HTML 3Page - DOMINANT Semiconductors DWC-SJS-U2 Datasheet HTML 4Page - DOMINANT Semiconductors DWC-SJS-U2 Datasheet HTML 5Page - DOMINANT Semiconductors DWC-SJS-U2 Datasheet HTML 6Page - DOMINANT Semiconductors DWC-SJS-U2 Datasheet HTML 7Page - DOMINANT Semiconductors DWC-SJS-U2 Datasheet HTML 8Page - DOMINANT Semiconductors DWC-SJS-U2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Typ. (V)
Vf @ If = 30mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Ta=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DWB
DWT, DWC
3.4
3.5
5
5
4.0
4.2
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
DWT; True Green
DWC; Cyan
DWB; Blue
Full
W
X
Y
Z
Full
W
X
Y
Full
W
X
Y
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
499 - 511
499 - 503
503 - 507
507 - 511
464 - 480
464 - 468
468 - 472
472 - 476
Min. (V)
3.05
3.05
InGaN : DWx
DOMINANT TM
Semiconductors
Innovating Illumination
04/04/2006 V9.0
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com