Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWY-EJS-W2 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DWY-EJS-W2
Description  Power LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWY-EJS-W2 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DWY-EJS-W2 Datasheet HTML 1Page - DOMINANT Semiconductors DWY-EJS-W2 Datasheet HTML 2Page - DOMINANT Semiconductors DWY-EJS-W2 Datasheet HTML 3Page - DOMINANT Semiconductors DWY-EJS-W2 Datasheet HTML 4Page - DOMINANT Semiconductors DWY-EJS-W2 Datasheet HTML 5Page - DOMINANT Semiconductors DWY-EJS-W2 Datasheet HTML 6Page - DOMINANT Semiconductors DWY-EJS-W2 Datasheet HTML 7Page - DOMINANT Semiconductors DWY-EJS-W2 Datasheet HTML 8Page - DOMINANT Semiconductors DWY-EJS-W2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
25/06/2007 V5.0
5
AlInGaP : DWx-EJS
DOMINANT TM
Semiconductors
Innovating Illumination
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
Radiation Pattern
Relative Luminous Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Current Vs Forward Voltage
Forward Current, mA
0
20
40
60
80
1.8
1.9
2
2.1
2.2
2.3
Maximum Current Vs Temperature
Ambient Temperature
0 10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
70
80
Allowable Forward Current Vs Duty Ratio
Duty Ratio, %
1
10
100
1
10
100
1000
Allowable Forward Current Vs Duty Ratio
(Ta=25 Deg C, Tp<10us)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com