Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSO-CSS-Q2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DSO-CSS-Q2
Description  Right Angle LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSO-CSS-Q2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DSO-CSS-Q2 Datasheet HTML 1Page - DOMINANT Semiconductors DSO-CSS-Q2 Datasheet HTML 2Page - DOMINANT Semiconductors DSO-CSS-Q2 Datasheet HTML 3Page - DOMINANT Semiconductors DSO-CSS-Q2 Datasheet HTML 4Page - DOMINANT Semiconductors DSO-CSS-Q2 Datasheet HTML 5Page - DOMINANT Semiconductors DSO-CSS-Q2 Datasheet HTML 6Page - DOMINANT Semiconductors DSO-CSS-Q2 Datasheet HTML 7Page - DOMINANT Semiconductors DSO-CSS-Q2 Datasheet HTML 8Page - DOMINANT Semiconductors DSO-CSS-Q2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
03/04/2006 V7.0
2
DSS-SSS-PQ2-1
• DSS-SSS-P1
• DSS-SSS-P2
• DSS-SSS-Q1
• DSS-SSS-Q2
DSR-CSS-PQ2-1
*
• DSR-CSS-P1
• DSR-CSS-P2
• DSR-CSS-Q1
• DSR-CSS-Q2
DSR-CSS-QR2-1
• DSR-CSS-Q1
• DSR-CSS-Q2
• DSR-CSS-R1
• DSR-CSS-R2
DSR-SSS-QR2-1
*
• DSR-SSS-Q1
• DSR-SSS-Q2
• DSR-SSS-R1
• DSR-SSS-R2
DSR-TSS-ST2-1
• DSR-TSS-S1
• DSR-TSS-S2
• DSR-TSS-T1
• DSR-TSS-T2
DSA-CSS-QR2-1
• DSA-CSS-Q1
• DSA-CSS-Q2
• DSA-CSS-R1
• DSA-CSS-R2
DSA-SSS-RS2-1
• DSA-CSS-R1
• DSA-CSS-R2
• DSA-CSS-S1
• DSA-CSS-S2
DSO-CSS-QR2-1
• DSO-CSS-Q1
• DSO-CSS-Q2
• DSO-CSS-R1
• DSO-CSS-R2
AllnGaP
Super red, 632nm
AllnGap
Red, 625nm
TS AllnGap
Red, 625nm
AllnGap
Amber, 615nm
AllnGap
Orange, 605nm
120
120
120
120
45.0 - 112.5
45.0 - 56.0
56.0 - 71.5
71.5 - 90.0
90.0 - 112.5
45.0 - 112.5
45.0 - 56.0
56.0 - 71.5
71.5 - 90.0
90.0 - 112.5
71.5 - 180.0
71.5 - 90.0
90.0 - 112.5
112.5 - 140.0
140.0 - 180.0
71.5 - 180.0
71.5 - 90.0
90.0 - 112.5
112.5 - 140.0
140.0 - 180.0
180.0 - 450.0
180.0 - 224.0
224.0 - 285.0
285.0 - 355.0
355.0 - 450.0
71.5 - 180.0
71.5 - 90.0
90.0 - 112.5
112.5 - 140.0
140.0 - 180.0
112.5 - 285.0
112.5 - 140.0
140.0 - 180.0
180.0 - 224.0
224.0 - 285.0
71.5 - 180.0
71.5 - 90.0
90.0 - 112.5
112.5 - 140.0
140.0 - 180.0
AllnGap : DSx-xSS
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 20mA IV (mcd)
* Not for new design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com