Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWC-UJS-V2 Datasheet(PDF) 7 Page - DOMINANT Semiconductors

Part # DWC-UJS-V2
Description  Power LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWC-UJS-V2 Datasheet(HTML) 7 Page - DOMINANT Semiconductors

Back Button DWC-UJS-V2 Datasheet HTML 3Page - DOMINANT Semiconductors DWC-UJS-V2 Datasheet HTML 4Page - DOMINANT Semiconductors DWC-UJS-V2 Datasheet HTML 5Page - DOMINANT Semiconductors DWC-UJS-V2 Datasheet HTML 6Page - DOMINANT Semiconductors DWC-UJS-V2 Datasheet HTML 7Page - DOMINANT Semiconductors DWC-UJS-V2 Datasheet HTML 8Page - DOMINANT Semiconductors DWC-UJS-V2 Datasheet HTML 9Page - DOMINANT Semiconductors DWC-UJS-V2 Datasheet HTML 10Page - DOMINANT Semiconductors DWC-UJS-V2 Datasheet HTML 11Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Relative Intensity Vs Wavelength
Wavelength, nm
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Dominant Wavelength Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
464
465
466
467
468
469
470
Dominant Wavelength Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
464
465
466
467
468
469
470
Dominant Wavelength Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
464
465
466
467
468
469
470
Dominant Wavelength Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
464
465
466
467
468
469
470
Dominant Wavelength Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
464
465
466
467
468
469
470
InGaN : DWx
DOMINANT TM
Semiconductors
Innovating Illumination
04/04/2006 V9.0
7
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
Radiation Pattern
Blue
Cyan
True Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com