Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635-E/MLQTP Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC12F635-E/MLQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/MLQTP Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC12F635-E/MLQTP Datasheet HTML 49Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 50Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 51Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 52Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 53Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 54Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 55Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 56Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 51
PIC12F635/PIC16F636/639
4.2.3
ULTRA LOW-POWER WAKE-UP
The Ultra Low-Power Wake-up (ULPWU) on RA0 allows
a slow falling voltage to generate an interrupt-on-change
on RA0 without excess current consumption. The mode
is selected by setting the ULPWUE bit of the PCON
register. This enables a small current sink which can be
used to discharge a capacitor on RA0.
To use this feature, the RA0 pin is configured to output
‘1’ to charge the capacitor, interrupt-on-change for RA0
is enabled and RA0 is configured as an input. The
ULPWUE bit is set to begin the discharge and a SLEEP
instruction is performed. When the voltage on RA0 drops
below VIL, an interrupt will be generated which will cause
the device to wake-up. Depending on the state of the
GIE bit of the INTCON register, the device will either
jump to the interrupt vector (0004h) or execute the next
instruction when the interrupt event occurs. See
Section 4.2.2
“Interrupt-on-Change”
and
Section 12.9.3
“PORTA
Interrupt”
for
more
information.
This feature provides a low-power technique for
periodically waking up the device from Sleep. The
time-out is dependent on the discharge time of the RC
circuit on RA0. See Example 4-2 for initializing the Ultra
Low Power Wake-up module.
The series resistor provides overcurrent protection for the
RA0 pin and can allow for software calibration of the
time-out (see Figure 4-1). A timer can be used to measure
the charge time and discharge time of the capacitor. The
charge time can then be adjusted to provide the desired
interrupt delay. This technique will compensate for the
affects of temperature, voltage and component accuracy.
The Ultra Low-Power Wake-up peripheral can also be
configured as a simple Programmable Low-Voltage
Detect or temperature sensor.
EXAMPLE 4-2:
ULTRA LOW-POWER
WAKE-UP INITIALIZATION
Note:
For
more
information,
refer
to
the
Application
Note
AN879,
“Using
the
Microchip
Ultra
Low-Power
Wake-up
Module” (DS00879).
BANKSEL PORTA
;
BSF
PORTA,0
;Set RA0 data latch
MOVLW
H’7’
;Turn off
MOVWF
CMCON0
; comparators
BANKSEL TRISA
;
BCF
TRISA,0
;Output high to
CALL
CapDelay
; charge capacitor
BSF
PCON,ULPWUE
;Enable ULP Wake-up
BSF
IOCA,0
;Select RA0 IOC
BSF
TRISA,0
;RA0 to input
MOVLW
B’10001000’
;Enable interrupt
MOVWF
INTCON
; and clear flag
SLEEP
;Wait for IOC
NOP
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com