Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635-E/MLQTP Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC12F635-E/MLQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/MLQTP Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC12F635-E/MLQTP Datasheet HTML 106Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 107Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 108Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 109Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 110Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 111Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 112Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 113Page - Microchip Technology PIC12F635-E/MLQTP Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 108
© 2007 Microchip Technology Inc.
FIGURE 11-7:
MODULATION DEPTH EXAMPLES
(a) Modulation Depth Definition
(b) LFDATA Output vs. Input vs. Minimum Modulation Depth Setting
B
A
A - B
A
X 100%
Modulation Depth (%) =
10 - 7
10
X 100% = 30%
Amplitude
10 mVPP
7 mVPP
Amplitude
Modulation Depth (%) =
t
t
Demodulated LFDATA Output when MODMIN Setting = 25%
Demodulated LFDATA Output if MODMIN Setting = 50%
Input signal with modulation depth = 30%
Coil Input Strength
Amplitude
0
(LFDATA output = not toggled)
t
t
(LFDATA output = toggled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com