Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/P Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC12F683-E/P
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/P Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC12F683-E/P Datasheet HTML 30Page - Microchip Technology PIC12F683-E/P Datasheet HTML 31Page - Microchip Technology PIC12F683-E/P Datasheet HTML 32Page - Microchip Technology PIC12F683-E/P Datasheet HTML 33Page - Microchip Technology PIC12F683-E/P Datasheet HTML 34Page - Microchip Technology PIC12F683-E/P Datasheet HTML 35Page - Microchip Technology PIC12F683-E/P Datasheet HTML 36Page - Microchip Technology PIC12F683-E/P Datasheet HTML 37Page - Microchip Technology PIC12F683-E/P Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 176 page
background image
PIC12F683
DS41211D-page 32
© 2007 Microchip Technology Inc.
4.2
Additional Pin Functions
Every
GPIO
pin
on
the
PIC12F683
has
an
interrupt-on-change option and a weak pull-up option.
GP0 has an Ultra Low-Power Wake-up option. The
next three sections describe these functions.
4.2.1
ANSEL REGISTER
The ANSEL register is used to configure the Input
mode of an I/O pin to analog. Setting the appropriate
ANSEL bit high will cause all digital reads on the pin to
be read as ‘0’ and allow analog functions on the pin to
operate correctly.
The state of the ANSEL bits has no affect on digital
output functions. A pin with TRIS clear and ANSEL set
will still operate as a digital output, but the Input mode
will be analog. This can cause unexpected behavior
when executing read-modify-write instructions on the
affected port.
4.2.2
WEAK PULL-UPS
Each of the GPIO pins, except GP3, has an individually
configurable internal weak pull-up. Control bits WPUx
enable or disable each pull-up. Refer to Register 4-4.
Each weak pull-up is automatically turned off when the
port pin is configured as an output. The pull-ups are
disabled on a Power-on Reset by the GPPU bit of the
OPTION register). A weak pull-up is automatically
enabled for GP3 when configured as MCLR and
disabled when GP3 is an I/O. There is no software
control of the MCLR pull-up.
4.2.3
INTERRUPT-ON-CHANGE
Each of the GPIO pins is individually configurable as an
interrupt-on-change pin. Control bits IOCx enable or
disable the interrupt function for each pin. Refer to
Register 4-5. The interrupt-on-change is disabled on a
Power-on Reset.
For enabled interrupt-on-change pins, the values are
compared with the old value latched on the last read of
GPIO. The ‘mismatch’ outputs of the last read are OR’d
together to set the GPIO Change Interrupt Flag bit
(GPIF) in the INTCON register (Register 2-3).
This interrupt can wake the device from Sleep. The
user, in the Interrupt Service Routine, clears the
interrupt by:
a)
Any read or write of GPIO. This will end the
mismatch condition, then,
b)
Clear the flag bit GPIF.
A mismatch condition will continue to set flag bit GPIF.
Reading GPIO will end the mismatch condition and
allow flag bit GPIF to be cleared. The latch holding the
last read value is not affected by a MCLR nor
Brown-out Reset. After these resets, the GPIF flag will
continue to be set if a mismatch is present.
REGISTER 4-2:
TRISIO GPIO TRI-STATE REGISTER
U-0
U-0
R/W-1
R/W-1
R-1
R/W-1
R/W-1
R/W-1
—
—TRISIO5(2,3)
TRISIO4(2)
TRISIO3(1)
TRISIO2
TRISIO1
TRISIO0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5:4
TRISIO<5:4>: GPIO Tri-State Control bit
1
= GPIO pin configured as an input (tri-stated)
0
= GPIO pin configured as an output
bit 3
TRISIO<3>: GPIO Tri-State Control bit
Input only
bit 2:0
TRISIO<2:0>: GPIO Tri-State Control bit
1
= GPIO pin configured as an input (tri-stated)
0
= GPIO pin configured as an output
Note
1:
TRISIO<3> always reads ‘1’.
2:
TRISIO<5:4> always reads ‘1’ in XT, HS and LP OSC modes.
3:
TRISIO<5> always reads ‘1’ in RC and RCIO and EC modes.
Note:
If a change on the I/O pin should occur
when
any
GPIO
operation
is
being
executed, then the GPIF interrupt flag may
not get set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com