Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TL431
Description  Programmable Voltage Reference
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431 Datasheet(HTML) 4 Page - STMicroelectronics

  TL431 Datasheet HTML 1Page - STMicroelectronics TL431 Datasheet HTML 2Page - STMicroelectronics TL431 Datasheet HTML 3Page - STMicroelectronics TL431 Datasheet HTML 4Page - STMicroelectronics TL431 Datasheet HTML 5Page - STMicroelectronics TL431 Datasheet HTML 6Page - STMicroelectronics TL431 Datasheet HTML 7Page - STMicroelectronics TL431 Datasheet HTML 8Page - STMicroelectronics TL431 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics
TL431
4/13
3
Electrical Characteristics
Table 3.
Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
TL431C
TL431AC
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference Input Voltage
VKA = Vref , Ik = 10 mA, Tamb = 25°C
Tmin ≤Tamb ≤ Tmax
2.44
2.423
2.495
2.55
2.567
2.47
2.453
2.495
2.52
2.537
V
∆V
ref
Reference Input Voltage Deviation Over Temperature
Range (1)
VKA = Vref, Ik = 10 mA, Tmin ≤Tamb ≤ Tmax
1.
∆V
ref is defined as the difference between the maximum and minimum values obtained over the full temperature range.
∆V
ref = Vref max. - Vref min.
317
3
15
mV
Ratio of Change in Reference Input Voltage to Change
in Cathode to Anode Voltage
Ik = 10mA -
∆V
KA = 10V to Vref
∆V
KA = 36V to 10V
-1.4
-1
-2.7
-2
-1.4
-1
-2.7
-2
mV/V
Iref
Reference Input Current
Ik = 10mA, R1 = 10k
Ω, R2 = ∞
Tamb = 25°C
Tmin ≤Tamb ≤Tmax
1.8
4
5.2
1.8
4
5.2
µA
∆I
ref
Reference Input Current Deviation Over Temperature
Range
Ik = 10mA, R1 = 10k
Ω, R2 =∞
Tmin ≤Tamb ≤ Tmax
0.4
1.2
0.4
1.2
µA
Imin
Minimum Cathode Current for Regulation
VKA = Vref
0.5
1
0.5
0.6
mA
Ioff
Off-State Cathode Current
2.6
1000
2.6
1000
nA
⏐ZKA⏐
Dynamic Impedance (2)
VKA = Vref , ∆ Ik = 1 to100mA, f ≤1kHZ
2.
The dynamic Impedance is definied as
|ZKA| =
0.22
0.5
0.22
0.5
Ω
T1
T2
Temperature
V ref max.
V ref min.
∆Vref
∆Vka
------------
∆VKA
∆IK
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com