Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DWP-SJS-P2 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DWP-SJS-P2
Description  Power LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DWP-SJS-P2 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DWP-SJS-P2 Datasheet HTML 1Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 2Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 3Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 4Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 5Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 6Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 7Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 8Page - DOMINANT Semiconductors DWP-SJS-P2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
29/09/2005 V8.0
1
Features:
> High brightness surface mount LED using thin film technology.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to both IR reflow soldering and TTW soldering.
> Environmental friendly; RoHS compliance.
Power DomiLEDTM
With its significant power in terms brightness, viewing angle and variety of
application possibilities, Power DomiLED™ truly is a standout performer!
Ideal for automotive interior lighting as well as home, office and industrial
applications, it is also a proven performer in electronic signs and signals.
DATA SHEET:
Power DomiLEDTM
AlInGaP : DWx
© 2005 DomiLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
exterior applications, eg: signal lighting,
Center High Mounted Stop Light (CHMSL),
> Display: full color display video notice board.
> Industry: white goods (eg: Oven, microwave, etc.).
> Lighting: architecture lighting, general lighting, garden light, etc
DOMINANTTM
Semiconductors
Innovating Illumination


Similar Part No. - DWP-SJS-P2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWP-SJS-P2R1-1 DOMINANT-DWP-SJS-P2R1-1 Datasheet
1Mb / 13P
Power DomiLED
More results

Similar Description - DWP-SJS-P2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
Power LED
logo
Lumileds Lighting Compa...
DS60 LUMILEDS-DS60 Datasheet
655Kb / 26P
power LED
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
POWER LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
LED Power
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
LED Power
PLF16 ARCH-PLF16 Datasheet
225Kb / 2P
LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
LED Power
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
LED Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com