Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MD Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC12F683-E/MD
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MD Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC12F683-E/MD Datasheet HTML 35Page - Microchip Technology PIC12F683-E/MD Datasheet HTML 36Page - Microchip Technology PIC12F683-E/MD Datasheet HTML 37Page - Microchip Technology PIC12F683-E/MD Datasheet HTML 38Page - Microchip Technology PIC12F683-E/MD Datasheet HTML 39Page - Microchip Technology PIC12F683-E/MD Datasheet HTML 40Page - Microchip Technology PIC12F683-E/MD Datasheet HTML 41Page - Microchip Technology PIC12F683-E/MD Datasheet HTML 42Page - Microchip Technology PIC12F683-E/MD Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 37
PIC12F683
4.2.5.2
GP1/AN1/CIN-/VREF/ICSPCLK
Figure 4-2 shows the diagram for this pin. The GP1 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a analog input to the comparator
• a voltage reference input for the ADC
• In-Circuit Serial Programming clock
FIGURE 4-2:
BLOCK DIAGRAM OF GP1
4.2.5.3
GP2/AN2/T0CKI/INT/COUT/CCP1
Figure 4-3 shows the diagram for this pin. The GP2 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• the clock input for Timer0
• an external edge triggered interrupt
• a digital output from the Comparator
• a digital input/output for the CCP (refer to
Section 11.0 “Capture/Compare/PWM (CCP)
Module”).
FIGURE 4-3:
BLOCK DIAGRAM OF GP2
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Data
WR
WPU
RD
WPU
RD GPIO
RD
GPIO
WR
GPIO
WR
TRISIO
RD
TRISIO
WR
IOC
RD
IOC
Interrupt-on-
To Comparator
Analog
Input Mode(1)
GPPU
Analog
Input Mode(1)
change
Bus
Note 1: Comparator mode and ANSEL determines Analog
Input mode.
Q3
To A/D Converter
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Analog
Input Mode
Data
WR
WPU
RD
WPU
RD
GPIO
WR
GPIO
WR
TRISIO
RD
TRISIO
WR
IOC
RD
IOC
To A/D Converter
0
1
COUT
COUT
Enable
To INT
To Timer0
Analog
Input Mode
GPPU
RD GPIO
Analog
Input
Mode
Interrupt-on-
change
Bus
Q3
Note
1:
Comparator mode and ANSEL determines Analog
Input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com