Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635-E/PQTP Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC12F635-E/PQTP
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/PQTP Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC12F635-E/PQTP Datasheet HTML 45Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 46Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 47Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 48Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 49Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 50Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 51Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 52Page - Microchip Technology PIC12F635-E/PQTP Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 47
PIC12F635/PIC16F636/639
4.0
I/O PORTS
There are as many as twelve general purpose I/O pins
available.
Depending
on
which
peripherals
are
enabled, some or all of the pins may not be available as
general purpose I/O. In general, when a peripheral is
enabled, the associated pin may not be used as a
general purpose I/O pin.
4.1
PORTA and the TRISA Registers
PORTA is a 6-bit wide, bidirectional port. The
corresponding
data
direction
register
is
TRISA
(Register 4-2). Setting a TRISA bit (= 1) will make the
corresponding PORTA pin an input (i.e., put the
corresponding output driver in a High-Impedance
mode). Clearing a TRISA bit (= 0) will make the
corresponding PORTA pin an output (i.e., put the
contents of the output latch on the selected pin). The
exception is RA3, which is input only and its TRIS bit will
always read as ‘1’. Example 4-1 shows how to initialize
PORTA.
Reading the PORTA register (Register 4-1) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then written
to the PORT data latch. RA3 reads ‘0’ when MCLRE = 1.
The TRISA register controls the direction of the
PORTA pins, even when they are being used as analog
inputs. The user must ensure the bits in the TRISA
register are maintained set when using them as analog
inputs. I/O pins configured as analog inputs always
read ‘0’.
EXAMPLE 4-1:
INITIALIZING PORTA
4.2
Additional Pin Functions
Every PORTA pin on the PIC12F635/PIC16F636/639
has an interrupt-on-change option and a weak
pull-up/pull-down option. RA0 has an Ultra Low-Power
Wake-up option. The next three sections describe
these functions.
4.2.1
WEAK PULL-UP/PULL-DOWN
Each of the PORTA pins, except RA3, has an internal
weak pull-up and pull-down. The WDA bits select either
a pull-up or pull-down for an individual port bit.
Individual control bits can turn on the pull-up or
pull-down. These pull-ups/pull-downs are automatically
turned off when the port pin is configured as an output,
as an alternate function or on a Power-on Reset,
setting the RAPU bit of the OPTION register. A weak
pull-up on RA3 is enabled when configured as MCLR
in the Configuration Word register and disabled when
high
voltage
is
detected,
to
reduce
current
consumption through RA3, while in Programming
mode.
Note:
PORTA = GPIO
TRISA = TRISIO
Note:
The CMCON0 register must be initialized
to configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
BANKSEL PORTA
;
CLRF
PORTA
;Init PORTA
MOVLW
07h
;Set RA<2:0> to
MOVWF
CMCON0
;digital I/O
BSF
STATUS,RP0
;Bank 1
BCF
STATUS,RP1
;
MOVLW
0Ch
;Set RA<3:2> as inputs
MOVWF
TRISA
;and set RA<5:4,1:0>
;as outputs
Note:
PORTA = GPIO
TRISA = TRISIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com