Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F913-E/MLQTP Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC16F913-E/MLQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/MLQTP Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC16F913-E/MLQTP Datasheet HTML 78Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 79Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 80Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 81Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 82Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 83Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 84Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 85Page - Microchip Technology PIC16F913-E/MLQTP Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 80
© 2007 Microchip Technology Inc.
TABLE 3-5:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Name
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
Value on
POR, BOR
Value on all
other Resets
ADCON0
ADFM
VCFG1
VCFG0
CHS2
CHS1
CHS0
GO/DONE
ADON
0000 0000
0000 0000
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
LCDCON
LCDEN
SLPEN
WERR
VLCDEN
CS1
CS0
LMUX1
LMUX0
0001 0011
0001 0011
LCDSE2(1,2)
SE23
SE22
SE21
SE20
SE19
SE18
SE17
SE16
0000 0000
uuuu uuuu
LCDSE3(1, 3)
SE31
SE30
SE29
SE28
SE27
SE26
SE25
SE24
0000 0000
uuuu uuuu
PORTE
RE7(3)
RE6(3)
RE5(3)
RE4(3)
RE3
RE2(2)
RE1(2)
RE0(2)
xxxx xxxx
uuuu uuuu
TRISE
TRISE7(3)
TRISE6(3)
TRISE5(3)
TRISE4(3)
TRISE3(4)
TRISE2(2)
TRISE1(2)
TRISE0(2)
1111 1111
1111 1111
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTC.
Note
1:
This register is only initialized by a POR or BOR reset and is unchanged by other Resets.
2:
PIC16F914/917 and PIC16F946 only.
3:
PIC16F946 only.
4:
Bit is read-only; TRISE = 1 always.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com