Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F917-E/MLQTP Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC16F917-E/MLQTP
Description  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917-E/MLQTP Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC16F917-E/MLQTP Datasheet HTML 19Page - Microchip Technology PIC16F917-E/MLQTP Datasheet HTML 20Page - Microchip Technology PIC16F917-E/MLQTP Datasheet HTML 21Page - Microchip Technology PIC16F917-E/MLQTP Datasheet HTML 22Page - Microchip Technology PIC16F917-E/MLQTP Datasheet HTML 23Page - Microchip Technology PIC16F917-E/MLQTP Datasheet HTML 24Page - Microchip Technology PIC16F917-E/MLQTP Datasheet HTML 25Page - Microchip Technology PIC16F917-E/MLQTP Datasheet HTML 26Page - Microchip Technology PIC16F917-E/MLQTP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 21
PIC16F913/914/916/917/946
RE4/SEG24(3)
RE4
ST
CMOS General purpose I/O.
SEG24
—
AN
LCD analog output.
RE5/SEG25(3)
RE5
ST
CMOS General purpose I/O.
SEG25
—
AN
LCD analog output.
RE6/SEG26(3)
RE6
ST
CMOS General purpose I/O.
SEG26
—
AN
LCD analog output.
RE7/SEG27(3)
RE7
ST
CMOS General purpose I/O.
SEG27
—
AN
LCD analog output.
RF0/SEG32(3)
RF0
ST
CMOS General purpose I/O.
SEG32
—
AN
LCD analog output.
RF1/SEG33(3)
RF1
ST
CMOS General purpose I/O.
SEG33
—
AN
LCD analog output.
RF2/SEG34(3)
RF2
ST
CMOS General purpose I/O.
SEG34
—
AN
LCD analog output.
RF3/SEG35(3)
RF3
ST
CMOS General purpose I/O.
SEG35
—
AN
LCD analog output.
RF4/SEG28(3)
RF4
ST
CMOS General purpose I/O.
SEG28
—
AN
LCD analog output.
RF5/SEG29(3)
RF5
ST
CMOS General purpose I/O.
SEG29
—
AN
LCD analog output.
RF6/SEG30(3)
RF6
ST
CMOS General purpose I/O.
SEG30
—
AN
LCD analog output.
RF7/SEG31(3)
RF7
ST
CMOS General purpose I/O.
SEG31
—
AN
LCD analog output.
RG0/SEG36(3)
RG0
ST
CMOS General purpose I/O.
SEG36
—
AN
LCD analog output.
RG1/SEG37(3)
RG1
ST
CMOS General purpose I/O.
SEG37
—
AN
LCD analog output.
RG2/SEG38(3)
RG2
ST
CMOS General purpose I/O.
SEG38
—
AN
LCD analog output.
RG3/SEG39(3)
RG3
ST
CMOS General purpose I/O.
SEG39
—
AN
LCD analog output.
RG4/SEG40(3)
RG4
ST
CMOS General purpose I/O.
SEG10
—
AN
LCD analog output.
RG5/SEG41(3)
RG5
ST
CMOS General purpose I/O.
SEG41
—
AN
LCD analog output.
AVDD(3)
AVDD
P
—
Analog power supply for microcontroller.
AVSS(3)
AVSS
P
—
Analog ground reference for microcontroller.
VDD
VDD
P
—
Power supply for microcontroller.
TABLE 1-1:
PIC16F91X/946 PINOUT DESCRIPTIONS (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output
CMOS = CMOS compatible input or output
OD = Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels P = Power
HV = High Voltage
XTAL = Crystal
Note 1:
COM3 is available on RA3 for the PIC16F913/916 and on RD0 for the PIC16F914/917 and PIC16F946.
2:
Pins available on PIC16F914/917 and PIC16F946 only.
3:
Pins available on PIC16F946 only.
4:
I2C Schmitt trigger inputs have special input levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com