Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2940 Datasheet(PDF) 5 Page - Sipex Corporation

Part # AS2940
Description  1A Low Dropout Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2940 Datasheet(HTML) 5 Page - Sipex Corporation

  AS2940 Datasheet HTML 1Page - Sipex Corporation AS2940 Datasheet HTML 2Page - Sipex Corporation AS2940 Datasheet HTML 3Page - Sipex Corporation AS2940 Datasheet HTML 4Page - Sipex Corporation AS2940 Datasheet HTML 5Page - Sipex Corporation AS2940 Datasheet HTML 6Page - Sipex Corporation AS2940 Datasheet HTML 7Page - Sipex Corporation AS2940 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev. 10/11/00
AS2940
ELECTRICAL CHARACTERISTICS
VIN = VO + 5V, IO =1A, CO = 22
µF, unless otherwise specified.
T
J = 25 °C
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
200
400
600
800
1000
OUTPUT CURRENT (mA)
Dropout Voltage
500 mA
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-40
0
40
80
120
160
TEMPERATURE (°C)
Dropout Voltage
1.0
100 mA
1 A
500 mA
40
30
20
10
0
-40
0
40
80
120
160
TEMPERATURE (°C)
Quiescent Current vs. Temperature
50
10 mA
1 A
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
-40
0
40
80
120
160
TEMPERATURE (°C)
Output Voltage vs. Temperature
5.10
V
IN = VO +5V
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
Quiescent Current
50
V
IN = 14V
V
O = 5V
T
J = 25 °C
180
160
140
120
100
80
60
40
20
0
0
5
10
15
20
25
Quiescent Current
200
30
35
500 mA
100 mA
1 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com