Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2940U-X Datasheet(PDF) 2 Page - Sipex Corporation

Part # AS2940U-X
Description  1A Low Dropout Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS2940U-X Datasheet(HTML) 2 Page - Sipex Corporation

  AS2940U-X Datasheet HTML 1Page - Sipex Corporation AS2940U-X Datasheet HTML 2Page - Sipex Corporation AS2940U-X Datasheet HTML 3Page - Sipex Corporation AS2940U-X Datasheet HTML 4Page - Sipex Corporation AS2940U-X Datasheet HTML 5Page - Sipex Corporation AS2940U-X Datasheet HTML 6Page - Sipex Corporation AS2940U-X Datasheet HTML 7Page - Sipex Corporation AS2940U-X Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. 10/11/00
AS2940
ABSOLUTE MAXIMUM RATINGS
Power Dissipation (Note 1) ..................... Internally Limited
Input Supply voltage...................................... -26V to +60V
Lead Temperature (Soldering, 5 seconds)..................260
°C
Operating Input Supply voltage .........................+2V to 12V
Storage Temperature Range ...................... -65
°C to +150°C
Shutdown Input Voltage ............................... -0.3V to +30V
Operating Junction Temperature Range .... -40
°C to +125°C
Error Comparator Output Voltage ................... -0.3 to +30V
TO-220
θJC ............................................................... 2 °C/W
TO-263
θJC ............................................................... 2 °C/W
ELECTRICAL CHARACTERISTICS VIN = VO + 5V, IO = 1A, CO = 22 µF, unless otherwise specified. Boldface applies
over the entire operating temperature range of the indicated device. All other specifications apply for TA = TJ = 25
°C.
Output Voltage (VO)
5V
Units
Parameter
Conditions
Typ
AS2940
Limit
(Note 5)
AS2940
Limit
(Note 6)
6.25V < VIN < 26V
Output Voltage
5 mA < IO < 1A
5.00
4.85/4.75
5.15/5.25
4.85/4.75
5.15/5.25
V
V
Line Regulation
VO + 2V < VIN < 26V,
IO = 5 mA
20
50
40/50
mV
Load Regulation
50 mA < IO < 1A
AS2940, AS2940/833
AS2940C
35
35
50/80
50
50/100
mV
Output
Impedance
100 mADC and
20 mArms,
fO = 120 Hz
35
1000/1000
m
Quiescent
Current
VO + 2V < VIN < 26V,
IO = 5 mA
AS2940, AS2940/833
AS2940C
10
10
15/20
15
15/20
mA
VIN = VO + 5V
IO = 1A
30
45/60
50/60
mA
Output Noise
Voltage
10 Hz - 100 kHz,
IO = 5 mA
150
700/700
µVRMS
Ripple Rejection
fO = 120 Hz, 1 VRMS,
IO = 100 ma
AS2940
AS2940C
72
72
60/54
60
dBMIN
fO = 1 kHz, 1 VRMS,
IO = 5 mA
60/50
dBMIN
Long Term
Stability
20
mV/
1000 Hr
Dropout Voltage
IO = 1A
0.5
0.8/1.0
0.7/1.0
VMAX
IO = 100 mA
110
150/200
150/200
mVMAX



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com