Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM77H Datasheet(PDF) 7 Page - Pletronics, Inc.

Part # SM77H
Description  SM77H Series 3.3V CMOS Clock Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM77H Datasheet(HTML) 7 Page - Pletronics, Inc.

  SM77H Datasheet HTML 1Page - Pletronics, Inc. SM77H Datasheet HTML 2Page - Pletronics, Inc. SM77H Datasheet HTML 3Page - Pletronics, Inc. SM77H Datasheet HTML 4Page - Pletronics, Inc. SM77H Datasheet HTML 5Page - Pletronics, Inc. SM77H Datasheet HTML 6Page - Pletronics, Inc. SM77H Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Product information is current as of publication date. The product conforms to specifications per the terms of the Pletronics standard warranty.
Dec 12, 2022
Rev. Q
Production processing does not necessarily include testing of all parameters.
Copyright © 2022 Pletronics Inc.  19013 36th Ave. W, Lynnwood, WA 98036 USA www.pletronics.com  425-776-1880
Pg 7
PLETRONICS SM77H Series 3.3V
CMOS Clock Oscillator
SM77H Series 3.3V
CMOS Clock Oscillator
Important Notice
Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and other
changes to this product at anytime. PLE reserves the right to discontinue any product or service without notice.
Customers are responsible for obtaining the latest relevant information before placing orders and should verify that
such information is current and complete. All products are sold subject to PLE’s terms and conditions of sale
supplied at the time of order acknowledgment.
PLE warrants performance of this product to the specifications applicable at the time of sale in accordance with
PLE’s limited warranty. Testing and other quality control techniques are used to the extent PLE deems necessary
to support this warranty. Except where mandated by specific contractual documents, testing of all parameters of
each product is not necessarily performed.
PLE assumes no liability for application assistance or customer product design. Customers are responsible for
their products and applications using PLE components. To minimize the risks associated with the customer
products and applications, customers should provide adequate design and operating safeguards.
PLE products are not designed, intended, authorized or warranted to be suitable for use in life support
applications, weapons, weapon systems or space applications, devices or systems or other critical applications
that may involve potential risks of death, personal injury or severe property or environmental damage. Inclusion of
PLE products in such applications is understood to be fully at the risk of the customer. Use of PLE products in such
applications requires the written approval of an appropriate PLE officer. Questions concerning potential risk appli-
cations should be directed to PLE.
PLE does not warrant or represent that any license, either express or implied, is granted under any PLE patent
right, copyright, artwork or other intellectual property right relating to any combination, machine or process which
PLE product or services are used. Information published by PLE regarding third-party products or services does
not constitute a license from PLE to use such products or services or a warranty or endorsement thereof. Use of
such information may require a license from a third party under the patents or other intellectual property of the third
party, or a license from PLE under the patents or other intellectual property of PLE.
Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is without
alteration and is accompanied by associated warranties, conditions, limitations and notices. Reproduction of this
information with alteration is an unfair and deceptive business practice. PLE is not responsible or liable for such
altered documents.
Resale of PLE products or services with statements different from or beyond the parameters stated by PLE for that
product or service voids all express and implied warranties for the associated PLE product or service and is an
unfair or deceptive business practice. PLE is not responsible for any such statements.
Contacting Pletronics Inc.
Pletronics, Inc.
Tel: 425.776.1880
19013 36th Ave. West
Fax: 425.776.2760
Lynnwood, WA 98036-5761
email: ple-sales@pletronics.com
U.S.A.
URL: www.pletronics.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com