Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC9512S Datasheet(PDF) 2 Page - Sanken electric

Part # SSC9512S
Description  Controller IC for Current Resonant Type Switching Power Supply with Half-Bridge Resonance, High Efficiency and Low Noise
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC9512S Datasheet(HTML) 2 Page - Sanken electric

  SSC9512S Datasheet HTML 1Page - Sanken electric SSC9512S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SANKEN ELECTRIC CO.,LTD.
Warning
The contents in this document are subject to changes, for improvement and other purposes, without notice.
Make sure that this is the latest version of the document before use.
The operation and circuit examples in this document are provided for reference purposes only. Sanken assumes no liability for violation of industrial property, intellectual property, or other rights of
Sanken or third parties, that stem from these examples.
The user must take responsibility for considering and determining which objects the products in this document are used with.
Although Sanken will continue to improve the quality and reliability of its products,
semiconductor products, by their nature, have certain fault and failure rates. The user must take responsibility for designing and checking to secure the device and system so that a part failure may not lead
to human injury, fire, damages, or other losses.
The contents in this document must not be transcribed or copied without Sanken’s written consent.
■ Typical Application Circuit
■ Typical Electrical Characteristics and Operation Waveforms
Power Supply Characteristics
Input : 380VDC, Output : 24V/8.5A (204W), with Power MOSFET RDS(ON): 0.56
Ci
11
VB (NC) (NC)
VGL
VS
VGH
COM
FB
RC OC
GND
13
12
16
14
10
2
4
1
Vcc
9
Reg
15
3
5
7 6 8
CSS
RV
Cv
Vsen
G
GG
GN
NN
ND
DD
D
P
PP
Po
oo
ow
ww
we
ee
er
rr
r S
SS
Su
uu
up
pp
pp
pp
pl
ll
ly
yy
y
V
VV
VOOOOUUUUTTTT
S
SS
SS
SS
SC
CC
C9
99
95
55
51
11
12
22
2
V
VV
VD
DD
DC
CC
C
E
EE
Ex
xx
xt
tt
te
ee
er
rr
rn
nn
na
aa
al
ll
l
8 4 %
8 6 %
8 8 %
9 0 %
9 2 %
9 4 %
9 6 %
9 8 %
1 0 0 %
0
5 0
1 0 0
1 5 0
2 0 0
Efficiency
η
(%)
Efficiency
η -
-
-
-Output Power P
OUT
Output Power
POUT (W)
SSC9512S(SOP-18) is different
pin number.
No Load
Heavy Load
2µs/D
VDS(Lo-side)
200V/D
2A/D
ID(Hi-side)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com