Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR540MFS Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR540MFS
Description  Switch-mode Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR540MFS Datasheet(HTML) 2 Page - ON Semiconductor

  MBR540MFS_V01 Datasheet HTML 1Page - ON Semiconductor MBR540MFS_V01 Datasheet HTML 2Page - ON Semiconductor MBR540MFS_V01 Datasheet HTML 3Page - ON Semiconductor MBR540MFS_V01 Datasheet HTML 4Page - ON Semiconductor MBR540MFS_V01 Datasheet HTML 5Page - ON Semiconductor MBR540MFS_V01 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR540MFS, NRVB540MFS
www.onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance, Junction−to−Case, Steady State
(Assumes 600 mm2 1 oz. copper bond pad, on a FR4 board)
RθJC
−
4.0
°C/W
ELECTRICAL CHARACTERISTICS
Instantaneous Forward Voltage (Note 1)
(iF = 5 Amps, TJ = 100°C)
(iF = 5 Amps, TJ = 25°C)
vF
0.44
0.50
0.54
0.58
V
Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 100°C)
(Rated dc Voltage, TJ = 25°C)
iR
6
0.100
20
2
mA
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com