Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS13 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS13
Description  Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS13 Datasheet(HTML) 3 Page - ON Semiconductor

  SS13 Datasheet HTML 1Page - ON Semiconductor SS13 Datasheet HTML 2Page - ON Semiconductor SS13 Datasheet HTML 3Page - ON Semiconductor SS13 Datasheet HTML 4Page - ON Semiconductor SS13 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS12 − S100
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Forward Current Derating Curve
0
0
0.25
0.5
0.75
1
Lead Temperature [
°C]
SINGLE PHASE
HALF WAVE
60 Hz
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
ON 0.2x0.2”(5.0x5.0mm)
COPPER PAD AREAS
20
40
60
80
100
120
140
Figure 2. Forward Voltage Characteristics
Forward Voltage, VF [V]
0
0.1
1
5
10
20
SS15 − SS16
SS18 − S100
SS12 − SS14
0.2
0.4
0.6 0.8
1
1.2
1.4
1.6
1.8
2
TJ = 255C
Pulse Width = 300
ms
1% Duty Cycle
Figure 3. Non−Repetitive Surge Current
Number of Cycles at 60 Hz
1
2
5
10
20
50
100
0
5
10
15
20
25
30
8.3 ms Single Half-Sine-Wave
JEDEC Method
Figure 4. Total Capacitance
Reverse Voltage, VR [V]
0.1
0.5
1
5
10
50
100
10
20
30
40
50
100
200
400
TJ = 255C
Figure 5. Low−Current Forward Voltage
Characteristics
1E−3
0.01
0.1
1
10
0.0
T
A
= 125
oC
T
A
= 75
oC
T
A
= 25
oC
T
A
= −20
o
C
T
A
= −65
o
C
S100
Forward Voltage, VF [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com