Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635-E/ML Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC12F635-E/ML
Description  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/ML Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC12F635-E/ML Datasheet HTML 85Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 86Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 87Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 88Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 89Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 90Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 91Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 92Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 234 page
background image
© 2007 Microchip Technology Inc.
DS41232D-page 87
PIC12F635/PIC16F636/639
8.0
PROGRAMMABLE
LOW-VOLTAGE DETECT
(PLVD) MODULE
The
Programmable
Low-Voltage
Detect
(PLVD)
module is a power supply detector which monitors the
internal power supply. This module is typically used in
key fobs and other devices, where certain actions
need to be taken as a result of a falling battery voltage.
The PLVD module includes the following capabilities:
• Eight programmable trip points
• Interrupt on falling VDD
• Stable reference indication
• Operation during Sleep
A Block diagram of the PLVD module is shown in
Figure 8-1.
FIGURE 8-1:
PLVD BLOCK DIAGRAM
FIGURE 8-2:
PLVD OPERATION
LVDL<2:0>
8-to-1
8 Stages
LVDEN
VDD
7
6
2
1
0
Analog MUX
+
-
LVDIF
Voltage
Generator
det
Reference
PLVD Trip Point
LVDIF
VDD
Set by
Hardware
Cleared by
Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com