Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDW-CJD-R1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDW-CJD-R1
Description  LED InGaN White
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDW-CJD-R1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDW-CJD-R1 Datasheet HTML 1Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 2Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 3Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 4Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 5Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 6Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 7Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 8Page - DOMINANT Semiconductors DDW-CJD-R1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
InGaN White : DDW-xJD
DOMINANT TM
Semiconductors
Innovating Illumination
28/09/2005 V2.0
3
Forward Voltage (V)
Vf Bining (Optional)
Vf Bin @ 20 mA
0A
00
01
02
2.75 ... 3.05
3.05 ... 3.35
3.35 ... 3.65
3.65 ... 3.95
Forward Voltage, Vf is measured with an accuracy of ± 0.1 V.
Vr @ Ir = 10 µA
Electrical Characteristics at Ta=250C
Vf @ If = 20 mA
3.2
5.0
Forward Voltage, Vf is measured with an accuracy of ± 0.1 V.
Part Number
Min. (V)
Typ. (V)
Max. (V)
Min. (V)
DDW-xJD
2.9
3.8
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse Voltage
ESD Threshold (HBM)
LED juction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
20
200
5
2000
125
-40 … +100
-40 … +100
85
mA
mA
V
V
˚C
˚C
˚C
mW
Please consult sales and marketing for special part number to incorporate Vf bining.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com