Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDW-CJD-R2 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DDW-CJD-R2
Description  LED InGaN White
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDW-CJD-R2 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DDW-CJD-R2 Datasheet HTML 1Page - DOMINANT Semiconductors DDW-CJD-R2 Datasheet HTML 2Page - DOMINANT Semiconductors DDW-CJD-R2 Datasheet HTML 3Page - DOMINANT Semiconductors DDW-CJD-R2 Datasheet HTML 4Page - DOMINANT Semiconductors DDW-CJD-R2 Datasheet HTML 5Page - DOMINANT Semiconductors DDW-CJD-R2 Datasheet HTML 6Page - DOMINANT Semiconductors DDW-CJD-R2 Datasheet HTML 7Page - DOMINANT Semiconductors DDW-CJD-R2 Datasheet HTML 8Page - DOMINANT Semiconductors DDW-CJD-R2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
28/09/2005 V2.0
1
Features:
> High brightness surface mount LED.
> Based on InGaN technology.
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 2.8 x 1.8mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to both IR reflow soldering and TTW soldering.
> Environmental friendly; RoHS compliance.
DomiLEDTM
With the intense colors that seem to glow with energy and its significant
brightness, DomiLED
TM white LED is a highly reliable design device. Its
dynamic nature makes it perfect choice for lighthing applications, office
and home applications and standard industrial applications.
DATA SHEET:
DomiLEDTM
InGaN White : DDW-xJD
© 2005 DomiLED is a trademark of DOMINANT Semiconductors.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive: interior applications, eg: switches, telematics,
climate control system, dashboard, etc.
> Consumer Appliances: LCD illumination as in PDAs, LCD TV.
> Communication: mobile phone flash light, backlights in mobile
phone display.
> Display: full color display video notice board.
> Industry: general lighting
DOMINANTTM
Semiconductors
Innovating Illumination


Similar Part No. - DDW-CJD-R2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDW-CJG DOMINANT-DDW-CJG Datasheet
1Mb / 15P
High brightness surface mount LED
DDW-CJG-5K8L DOMINANT-DDW-CJG-5K8L Datasheet
1Mb / 15P
High brightness surface mount LED
DDW-CJG-I1 DOMINANT-DDW-CJG-I1 Datasheet
1Mb / 15P
High brightness surface mount LED
More results

Similar Description - DDW-CJD-R2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LP377PWN1-60G MARKTECH-LP377PWN1-60G Datasheet
106Kb / 2P
P4 InGaN White Ultra Bright LED
LP378PWN1-C0G MARKTECH-LP378PWN1-C0G Datasheet
111Kb / 2P
P4 White InGaN Ultra Bright LED
LC503NWH1-15H MARKTECH-LC503NWH1-15H Datasheet
246Kb / 3P
5mm White InGaN/SiC Ultra Bright LED
LC512NWH1-25H MARKTECH-LC512NWH1-25H Datasheet
249Kb / 3P
5mm InGaN/SiC White Ultra Bright LED
logo
DOMINANT Semiconductors
DWW-SJD-TU2-1 DOMINANT-DWW-SJD-TU2-1 Datasheet
873Kb / 13P
Power LED InGaN White
DWW-UJG DOMINANT-DWW-UJG Datasheet
847Kb / 13P
Power LED InGaN White
DDW-DJD-V2W-1 DOMINANT-DDW-DJD-V2W-1 Datasheet
770Kb / 12P
LED InGaN White High Brightness
DDW-DJD-UV2-1 DOMINANT-DDW-DJD-UV2-1 Datasheet
770Kb / 12P
LED InGaN White
DDT-CJS-RS2-1 DOMINANT-DDT-CJS-RS2-1 Datasheet
806Kb / 15P
LED InGaN
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-FW00 AVAGO-HLMP-FW00 Datasheet
191Kb / 6P
5mm Flat Top InGaN White LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com