Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K20-E/SPQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC18F23K20-E/SPQTP
Description  28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/SPQTP Datasheet(HTML) 3 Page - Microchip Technology

  PIC18F23K20-E/SPQTP Datasheet HTML 1Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 2Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 3Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 4Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 5Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 6Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 7Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 8Page - Microchip Technology PIC18F23K20-E/SPQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 420 page
background image
© 2007 Microchip Technology Inc.
Advance Information
DS41303B-page 1
PIC18F2XK20/4XK20
Power-Managed Modes:
• Run: CPU on, peripherals on
• Idle: CPU off, peripherals on
• Sleep: CPU off, peripherals off
• Idle mode currents down to 1.0
μA, typical
• Sleep mode current down to 0.1
μA, typical
• Timer1 Oscillator: 1.0
μA, 32 kHz, 1.8V, typical
• Watchdog Timer: 2.0
μA, 1.8V, typical
• Two-Speed Oscillator Start-up
Peripheral Highlights:
• High-current sink/source 25 mA/25 mA
• Three programmable external interrupts
• Four independent input-change interrupts
• 8 independent weak pull-ups
• Programmable slew rate
• Capture/Compare/PWM (CCP) module
• Enhanced Capture/Compare/PWM (ECCP)
module:
- One, two or four PWM outputs
- Selectable polarity
- Programmable dead time
- Auto-Shutdown and Auto-Restart
• Master Synchronous Serial Port (MSSP) module
supporting 3-wire SPI (all 4 modes) and I2C™
Master and Slave modes with address mask
• Enhanced Addressable USART module:
- Supports RS-485, RS-232 and LIN 2.0
- RS-232 operation using internal oscillator
block (no external crystal required)
- Auto-Wake-up on Break
- Auto-Baud Detect
• 10-bit, up to 14-channel Analog-to-Digital
Converter module (ADC):
- Auto-acquisition capability
- Conversion available during Sleep
- Internal 1.2V Fixed Voltage Reference (FVR)
channel
- Independent input multiplexing
• Dual analog comparators
- Rail-to-rail operation
- Independent input multiplexing
• Programmable On-Chip Voltage Reference
(CVREF) module (% of VDD)
Flexible Oscillator Structure:
• Four Crystal modes, up to 64 MHz
• 4X Phase Lock Loop (available for crystal and
internal oscillators)
• Two External RC modes, up to 4 MHz
• Two External Clock modes, up to 64 MHz
• Internal oscillator block:
- 8 user selectable frequencies, from 31 kHz to
16 MHz
- Provides a complete range of clock speeds
from 31 kHz to 64 MHz when used with PLL
- User tunable to compensate for frequency drift
• Secondary oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if primary or secondary
oscillator stops
Special Microcontroller Features:
• C compiler optimized architecture:
- Optional extended instruction set designed to
optimize re-entrant code
• Self-programmable under software control
• Priority levels for interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Single-supply 3V In-Circuit Serial
Programming™ (ICSP™) via two pins
• In-Circuit Debug (ICD) via two pins
• Operating voltage range: 1.8V to 3.6V
• Programmable 16-level High/Low-Voltage
Detection (HLVD) module:
- Supports interrupt on High/Low-Voltage
Detection
• Programmable Brown-out Reset (BOR)
- With software enable option
28/40/44-Pin Flash Microcontrollers with
10-Bit A/D and nanoWatt Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com