Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDS-CRS-R2 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DDS-CRS-R2
Description  LED - AlInGaP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDS-CRS-R2 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DDS-CRS-R2 Datasheet HTML 1Page - DOMINANT Semiconductors DDS-CRS-R2 Datasheet HTML 2Page - DOMINANT Semiconductors DDS-CRS-R2 Datasheet HTML 3Page - DOMINANT Semiconductors DDS-CRS-R2 Datasheet HTML 4Page - DOMINANT Semiconductors DDS-CRS-R2 Datasheet HTML 5Page - DOMINANT Semiconductors DDS-CRS-R2 Datasheet HTML 6Page - DOMINANT Semiconductors DDS-CRS-R2 Datasheet HTML 7Page - DOMINANT Semiconductors DDS-CRS-R2 Datasheet HTML 8Page - DOMINANT Semiconductors DDS-CRS-R2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DOMINANT Semiconductors
18/08/05
DomiLED AlInGaP DDx-xRS - Catalogue-v4
Page 4 of 11
Part Ordering Number
Chip Technology /
Color
Viewing
Angle
Luminous Intensity @
IF=20mA
Iv (mcd)
DDY-TRS-TU2-1
Ts AlInGaP
120
285.0 – 715.0
• DDY-TRS-T1
Yellow, 590nm
285.0 – 355.0
• DDY-TRS-T2
355.0 – 450.0
• DDY-TRS-U1
450.0 – 560.0
• DDY-TRS-U2
560.0 – 715.0
DDG-CRS-PQ2-1
As AlInGaP
120
45.0 – 112.5
• DDG-CRS-P1
Green, 572nm
45.0 – 56.0
• DDG-CRS-P2
56.0 – 71.5
• DDG-CRS-Q1
71.5 – 90.0
• DDG-CRS-Q2
90.0 – 112.5
DDG-SRS-QR2-1
71.5 – 180.0
• DDG-SRS-Q1
71.5 – 90.0
• DDG-SRS-Q2
90.0 – 112.5
• DDG-SRS-R1
112.5 – 140.0
• DDG-SRS-R2
140.0 – 180.0
NOTE:
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminous intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of
±11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one
wavelength group is allowed for each reel.
5. An optional Vf binning is also available upon request. Binning scheme is as per following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com