Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDB-URS-R2 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDB-URS-R2
Description  LED InGaN - Reverse Gull-wing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDB-URS-R2 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDB-URS-R2 Datasheet HTML 1Page - DOMINANT Semiconductors DDB-URS-R2 Datasheet HTML 2Page - DOMINANT Semiconductors DDB-URS-R2 Datasheet HTML 3Page - DOMINANT Semiconductors DDB-URS-R2 Datasheet HTML 4Page - DOMINANT Semiconductors DDB-URS-R2 Datasheet HTML 5Page - DOMINANT Semiconductors DDB-URS-R2 Datasheet HTML 6Page - DOMINANT Semiconductors DDB-URS-R2 Datasheet HTML 7Page - DOMINANT Semiconductors DDB-URS-R2 Datasheet HTML 8Page - DOMINANT Semiconductors DDB-URS-R2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DOMINANT Semiconductors
26/12/03
DomiLED InGaN DDx-xRx - Catalogue-v2.doc
Page 3 of 3
Part Ordering Number
Chip Technology /
Color
Viewing
angle
Luminous Intensity @ If = 20mA
Iv ( mcd )
DDW-CRD-RS2-1
•
DDW-CRD-R1
•
DDW-CRD-R2
•
DDW-CRD-S1
•
DDW-CRD-S2
DDW-CRD-ST1-1
•
DDW-CRD-S1
•
DDW-CRD-S2
•
DDW-CRD-T1
DDW-SRD-ST2-1
•
DDW-SRD-S1
•
DDW-SRD-S2
•
DDW-SRD-T1
•
DDW-SRD-T2
DDW-URD-TU2-1
•
DDW-URD-T1
•
DDW-URD-T2
•
DDW-URD-U1
•
DDW-URD-U2
DDW-URD-UV1-1
•
DDW-URD-U1
•
DDW-URD-U2
•
DDW-URD-V1
InGaN /
White
120
112.5 … 285.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
224.0 … 285.0
180.0 … 355.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
180.0 … 450.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
355.0 … 450.0
285.0 … 715.0
285.0 … 355.0
355.0 … 450.0
450.0 … 560.0
560.0 … 715.0
450.0 … 900.0
450.0 … 560.0
560.0 … 715.0
715.0 … 900.0
NOTE:
1.
All part number above comes in a quantity of 2000 units per reel.
2.
Other luminous intensity groups are also available upon request.
3.
Luminous intensity is measured with an accuracy of
±11%.
4.
Wavelength binning is carried for all units as per the wavelength-binning table. Only one
wavelength group is allowed for each reel.
5.
An optional Vf binning is also available upon request. Binning scheme is as per following table.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com