Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR-GJS-E2 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DDR-GJS-E2
Description  LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDR-GJS-E2 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DDR-GJS-E2 Datasheet HTML 1Page - DOMINANT Semiconductors DDR-GJS-E2 Datasheet HTML 2Page - DOMINANT Semiconductors DDR-GJS-E2 Datasheet HTML 3Page - DOMINANT Semiconductors DDR-GJS-E2 Datasheet HTML 4Page - DOMINANT Semiconductors DDR-GJS-E2 Datasheet HTML 5Page - DOMINANT Semiconductors DDR-GJS-E2 Datasheet HTML 6Page - DOMINANT Semiconductors DDR-GJS-E2 Datasheet HTML 7Page - DOMINANT Semiconductors DDR-GJS-E2 Datasheet HTML 8Page - DOMINANT Semiconductors DDR-GJS-E2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
25/07/2006 V2.0
2
DDR-GJS-D2F1-1-I2
• DDR-GJS-D2
• DDR-GJS-E1
• DDR-GJS-E2
• DDR-GJS-F1
DDO-GJS-DE2-1-I2
• DDO-GJS-D1
• DDO-GJS-D2
• DDO-GJS-E1
• DDO-GJS-E2
DDY-GJS-DE2-1-I2
• DDY-GJS-D1
• DDY-GJS-D2
• DDY-GJS-E1
• DDY-GJS-E2
DDG-GJS-EF2-1-I2
• DDG-GJS-E1
• DDG-GJS-E2
• DDG-GJS-F1
• DDG-GJS-F2
Gap
Red, 625nm
Gap
Orange, 605nm
Gap
Yellow, 587nm
Gap
Green, 570nm
120
120
120
120
0.56 - 1.40
0.56 - 0.72
0.72 - 0.90
0.90 - 1.10
1.10 - 1.40
0.45 - 1.10
0.45 - 0.56
0.56 - 0.72
0.72 - 0.90
0.90 - 1.10
0.45 - 1.10
0.45 - 0.56
0.56 - 0.72
0.72 - 0.90
0.90 - 1.10
0.72 - 1.80
0.72 - 0.90
0.90 - 1.10
1.10 - 1.40
1.40 - 1.80
GaP : DDx-GJS-I2
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 2mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 2000 units per reel.
2. Other luminious intensity groups are also available upon request.
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com